Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7582 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC7582
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC7582 Datasheet HTML 1Page - Clare, Inc. CPC7582 Datasheet HTML 2Page - Clare, Inc. CPC7582 Datasheet HTML 3Page - Clare, Inc. CPC7582 Datasheet HTML 4Page - Clare, Inc. CPC7582 Datasheet HTML 5Page - Clare, Inc. CPC7582 Datasheet HTML 6Page - Clare, Inc. CPC7582 Datasheet HTML 7Page - Clare, Inc. CPC7582 Datasheet HTML 8Page - Clare, Inc. CPC7582 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Table 6. Make-Before-Break Operation (Ringing to Idle/Talk Transition)
Ring
Ring
Break
Return
Access
Line Access
Switches
Switch
Switch
Switches
Access
Input
TSD
State
Timing
1 & 2
3
4
5 & 6
0V
5V
Float
Ringing
-
Open
Closed
Closed
Open
0V
0V
Float
Make-before-break
SW4 waiting for next zero current
Closed
Open
Closed
Open
crossing to turn off. Maximum
time is one half of ringing. In this
transition state, current that is
limited to the dc break switch
current limit value will be sourced
from the ring node of the SLIC
0V
0V
Float
Idle / Talk
Zero cross current has occurred
Closed
Open
Open
Open
Table 5. Additional Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Digital Input Characteristics
Input Low Voltage
-
-
-
-
1.5
V
Input High Voltage
-
-
3.5
-
-
V
Input Leakage Current (High)
V
DD = 5.5V, VBAT = -75V,
I
log
-
0.1
1
µA
V
log = 5V
Input Leakage Current (Low)
V
DD = 5.5V, VBAT = -75V,
I
log
-
0.1
1
µA
V
log = 0V
Power Requirements
Power Dissipation
V
DD = 5V, VBAT = -48V,
Idle/Talk State or All Off State
I
DD, IBAT
-
5.5
7.5
mW
Ringing State or Access State
I
DD
-
6.5
10
mW
V
DD Current
V
DD = 5V,
Idle/Talk State or All Off State
I
DD
-
1.1
1.5
mA
Ringing State or Access State
I
DD
-
1.3
1.9
mA
V
BAT Current
V
BAT = -48V,
Idle/Talk State or All Off State
I
BAT
-
0.1
10
µA
Ringing State or Access State
I
BAT
-
0.1
10
µA
Temperature Shutdown Requirements1
Shutdown Activation Temperature
-
-
110
125
150
˚C
Shutdown Circuit Hysteresis
-
-
10
-
25
˚C
1 Temperature shutdown flag (TSD) will be high during normal operation and low during temperature shutdown state.
CPC7582
www.clare.com
5
Rev. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com