Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAD170P Datasheet(PDF) 2 Page - Clare, Inc.

Part # IAD170P
Description  Integrated Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD170P Datasheet(HTML) 2 Page - Clare, Inc.

  IAD170P Datasheet HTML 1Page - Clare, Inc. IAD170P Datasheet HTML 2Page - Clare, Inc. IAD170P Datasheet HTML 3Page - Clare, Inc. IAD170P Datasheet HTML 4Page - Clare, Inc. IAD170P Datasheet HTML 5Page - Clare, Inc. IAD170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
IAD170P
Rev. 1
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Total Package Dissipation
-
-
11
W
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
-
-
+220
°C
(10 Seconds Max.)
1 Above 25˚ derate linerity 1.67mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Relay Portion
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current (Continuous)
-
I
L
-
-
100
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance
I
L=100mA
R
ON
--
50
Ω
Off-State Leakage Current
V
L=350V; TJ=25°C
I
LEAK
--
1µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
V
L=50V, f=1MHz
-
-
25
-
pF
Relay Portion
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
5-
50
mA
Input Dropout Current
I
L=1mA
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Detector Portion
Output Characteristics @ 25°C
Phototransistor Blocking Voltage
I
C=10µA
B
VCEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C=2mA, IF=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
C
TR
33
-
-
%
Detector Portion
Input Characteristics @ 25°C
Input Control Current
I
C=2mA,VCE=0.5V
I
F
62
-
mA
Input Voltage Drop
I
F=5mA
I
CEO
0.9
1.2
1.4
V
Input Current
I
C=1µA, VCE=5V
-
5
25
-
µA
(Detector must be off)
Input to Output Capacitance
V
L=50V, f=1MHz
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com