Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAD170P Datasheet(PDF) 3 Page - Clare, Inc.

Part # IAD170P
Description  Integrated Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD170P Datasheet(HTML) 3 Page - Clare, Inc.

  IAD170P Datasheet HTML 1Page - Clare, Inc. IAD170P Datasheet HTML 2Page - Clare, Inc. IAD170P Datasheet HTML 3Page - Clare, Inc. IAD170P Datasheet HTML 4Page - Clare, Inc. IAD170P Datasheet HTML 5Page - Clare, Inc. IAD170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IAD170P
www.clare.com
Rev. 1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
IAD170P
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
IAD170P
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
29.09
30.63
32.16
33.70
29.86
31.40
32.93
On-Resistance (
Ω)
IAD170P
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
424.0
434.5
444.9
455.4
429.3
439.7
450.1
Blocking Voltage (V)
IAD170P
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
25
20
15
10
5
0
IAD170P
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC
25
20
15
10
5
0
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
)
IAD170P
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
-20
0
20
40
60
80
100
120
IAD170P
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.67
0.83
0.99
1.14
0.75
0.91
1.06
Turn-On (ms)
25
20
15
10
5
0
IAD170P
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.11
0.17
0.22
0.28
0.25
0.19
0.14
Turn-Off (ms)
25
20
15
10
5
0
IAD170P
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
IAD170P
Typical Load Current vs. Temperature
Temperature (
°C)
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
10mA
2mA
5mA
IAD170P
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
455
450
445
440
435
430
425
420
-20
0
20
40
60
80
100
IAD170P
Typical Turn-Off vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com