Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA100LS Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA100LS
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA100LS Datasheet(HTML) 3 Page - Clare, Inc.

  LCA100LS Datasheet HTML 1Page - Clare, Inc. LCA100LS Datasheet HTML 2Page - Clare, Inc. LCA100LS Datasheet HTML 3Page - Clare, Inc. LCA100LS Datasheet HTML 4Page - Clare, Inc. LCA100LS Datasheet HTML 5Page - Clare, Inc. LCA100LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCA100L
www.clare.com
Rev. 1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LCA100L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCA100L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
35
30
25
20
15
10
5
0
13.93
14.17
14.41
14.66
14.05
14.29
14.54
On-Resistance (
Ω)
LCA100L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
369.8
379.4
388.9
398.4
374.6
384.1
393.7
Blocking Voltage (V)
LCA100L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
0.90
1.00
1.10
0.85
0.95
1.05
1.15
LED Current (mA)
25
20
15
10
5
0
LCA100L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC
25
20
15
10
5
0
0.90
1.00
1.10
0.85
0.95
1.05
1.15
LED Current (mA)
)
LCA100L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
1.72
2.02
2.32
2.61
1.87
2.17
2.46
Turn-On (ms)
25
20
15
10
5
0
LCA100L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.06
0.10
0.15
0.19
0.17
0.13
0.08
Turn-Off (ms)
25
20
15
10
5
0
LCA100L
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
LCA100L
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LCA100L
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
410
405
400
395
390
385
380
375
-20
0
20
40
60
80
100
LCA100L
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100 120
LCA100L
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com