Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA100LS Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCA100LS
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA100LS Datasheet(HTML) 4 Page - Clare, Inc.

  LCA100LS Datasheet HTML 1Page - Clare, Inc. LCA100LS Datasheet HTML 2Page - Clare, Inc. LCA100LS Datasheet HTML 3Page - Clare, Inc. LCA100LS Datasheet HTML 4Page - Clare, Inc. LCA100LS Datasheet HTML 5Page - Clare, Inc. LCA100LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA100L
Rev. 1
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA100L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LCA100L
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
3.0
2.5
2.0
1.5
1.0
0.5
0
50
LCA100L
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 5mADC)
Temperature (
°C)
-40
30
25
20
15
10
5
0
-20
0
20
40
60
80
100 120
LCA100L
Typical IF for Switch Operation
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
120
LCA100L
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
120
LCA100L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
LCA100L
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
LCA100L
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50
LCA120L
Typical Current Limiting vs. Temperature
IF = 2mADC
Temperature (
°C)
300.00
250.00
200.00
150.00
100.00
50.00
0
-40
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com