Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA140LS Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLA140LS
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA140LS Datasheet(HTML) 3 Page - Clare, Inc.

  PLA140LS Datasheet HTML 1Page - Clare, Inc. PLA140LS Datasheet HTML 2Page - Clare, Inc. PLA140LS Datasheet HTML 3Page - Clare, Inc. PLA140LS Datasheet HTML 4Page - Clare, Inc. PLA140LS Datasheet HTML 5Page - Clare, Inc. PLA140LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLA140L
www.clare.com
3
Rev. 4.0
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PLA140L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C;
IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PLA140L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
10.0
11.0
12.0
9.5
10.5
11.5
On-Resistance (
Ω)
PLA140L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
430
442
478
490
Blocking Voltage (V)
454
466
PLA140L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC
25
20
15
10
5
0
2.1
1.5
3.9
0.9
2.7
Current (mA)
)
3.3
PLA140L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC
25
20
15
10
5
0
2.1
1.5
4.5
3.9
2.7
Current (mA)
)
3.3
PLA140L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
0.65
1.17
1.69
0.39
0.91
1.43
Turn-On (ms)
25
20
15
10
5
0
PLA140L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; I
F = 5mADC)
0.30
0.18
0.42
0.54
0.66
0.78
Turn-Off (ms)
25
20
15
10
5
0
PLA140L
Typical Load Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
-40
-20
0
20
40
60
80
120
100
I =20mA
F
I =10mA
F
I =5mA
F
PLA140L
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
PLA140L
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
PLA140L
Typical Turn-On vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
2.50
2.00
1.50
1.00
0.50
0
-20
0
20
40
60
80
100
I =5mA
F
I =10mA
F
I =20mA
F
PLA140L
Typical Turn-Off vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com