Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA140LS Datasheet(PDF) 5 Page - Clare, Inc.

Part # PLA140LS
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA140LS Datasheet(HTML) 5 Page - Clare, Inc.

  PLA140LS Datasheet HTML 1Page - Clare, Inc. PLA140LS Datasheet HTML 2Page - Clare, Inc. PLA140LS Datasheet HTML 3Page - Clare, Inc. PLA140LS Datasheet HTML 4Page - Clare, Inc. PLA140LS Datasheet HTML 5Page - Clare, Inc. PLA140LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLA140L
www.clare.com
5
Rev. 4.0
Dimensions
mm
(inches)
MECHANICAL DIMENSIONS
Tape and Reel Packaging for 6 Pin Power DIP Surface Mount Package
7.493 – .102
(.295 – .004)
12.090
(.476)
1.753 – .102
(.069 – .004)
3.987 – .102
(.157 – .004)
1.498 – .102
(.059 – .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
4.877
(.192)
Top Cover
Tape
2.007 – .102
(.079 – .004)
11.989 – .102
(.472 – .004)
User Direction of Feed
.050R TYP.
16.002 – .305
(.630 – .012)
10.300
(.405)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.300 – .102
(.405 – .004)
1.549 – .102
(.061 – .004)
330.2 DIA.
(13.00)
1
6
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
8.305
± .127
(.327
± .005)
1.905
± .127
(.075
± .005)
1.499
± .127
(.059
± .005)
PC Board Pattern
(Top View)
6.350
± .127
(.250
± .005)
2.540
± .127
(.100
± .005)
7.620
± .127
(.300
± .005)
5.080
± .127
(.200
± .005)
6-.800 DIA.
(6-.031 DIA.)
6Pin DIP Through Hole (Standard)
6Pin DIP Surface Mount (“S” Suffix)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com