Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W147 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W147
Description  Frequency Generator for Integrated Core Logic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W147 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W147 Datasheet HTML 1Page - Cypress Semiconductor W147 Datasheet HTML 2Page - Cypress Semiconductor W147 Datasheet HTML 3Page - Cypress Semiconductor W147 Datasheet HTML 4Page - Cypress Semiconductor W147 Datasheet HTML 5Page - Cypress Semiconductor W147 Datasheet HTML 6Page - Cypress Semiconductor W147 Datasheet HTML 7Page - Cypress Semiconductor W147 Datasheet HTML 8Page - Cypress Semiconductor W147 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
W147G
PRELIMINARY
2
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
REF/APICDIV
1
I/O
Reference Clock: 3.3V 14.318-MHz clock output. This pin doubles as the select
strap for APIC clock frequency. If strapped LOW during power up, APIC clock runs
at half PCI clock speed. Otherwise, APIC clocks run at PCI clock speed.
X1
3
I
Crystal Input: This pin has dual functions. It can be used as an external
14.318-MHz crystal connection as an external reference frequency input.
X2
4
I
Crystal Output: An input connection for an external 14.318-MHz crystal. If using
an external reference, this pin must be left unconnected.
PCI0_ICH,
PCI1:7
11, 12, 13, 15,
16, 18, 19. 20
O
PCI Clock 0 through 7: 3.3V 33-MHz PCI clock outputs. PCI1:7 can be individually
turned off via I2C interface.
3V66_0:1
7, 8
O
66-MHz Clock Output: 3.3V fixed 66-MHz clock.
USB
25
O
USB Clock Output: 3.3V fixed 48-MHz, non-spread spectrum USB clock outputs.
DOT
26
O
Dot Clock Output: 3.3V 48-MHz, non-spread spectrum signal.
SEL0:1
28, 29
I
Clock Function Selection pins: LVTTL-compatible input to select device func-
tions. See Table 1 for detailed descriptions.
PWRDWN#
32
I
Power Down Control: LVTTL-compatible asynchronous input that places the de-
vice in power-down mode when held LOW.
CPU2_ITP,
CPU0:1
49, 52, 50
O
CPU Clock Outputs: Clock outputs for the host bus interface and integrated test
port. Output frequencies run at 66 MHz or 100 MHz depending on the configuration
of SEL0:1. Voltage swing set by VDDQ2.
SDRAM0:7,
DCLK
46, 45, 43, 42,
40, 39, 37, 36,
34
O
SDRAM Clock Outputs: 3.3V outputs running at 100 MHz. SDRAM0:7 can be
individually turned off via I2C interface.
APIC0:1
55, 54
O
Sychronous APIC Clock Outputs: Clock outputs running divide synchronous
with the PCI clock outputs. Output frequency is controlled by the strap option on
REF. Voltage swing set by VDDQ2.
SDATA
30
I/O
Data pin for I2C circuitry.
SCLK
31
I
Clock pin for I2C circuitry.
VDDQ3
2, 9, 10, 21, 27,
33, 38, 44
P
3.3V Power Connection: Power supply for SDRAM output buffers, PCI output
buffers, 3V66 output buffers, reference output buffers, and 48-MHz output buffers.
Connect to 3.3V.
VDD3
22
P
3.3V Power Connection: Power supply for core logic, PLL circuitry. Connect to
3.3V.
VDDQ2
51, 53
P
2.5V Power Connection: Power supply for IOAPIC and CPU output buffers. Con-
nect to 2.5V or 3.3V.
GND
5, 6, 14, 17, 23,
24, 35, 41, 47,
48, 56
G
Ground Connections: Connect all ground pins to the common system ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com