Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W158 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W158
Description  Spread Spectrum System Frequency Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W158 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W158 Datasheet HTML 1Page - Cypress Semiconductor W158 Datasheet HTML 2Page - Cypress Semiconductor W158 Datasheet HTML 3Page - Cypress Semiconductor W158 Datasheet HTML 4Page - Cypress Semiconductor W158 Datasheet HTML 5Page - Cypress Semiconductor W158 Datasheet HTML 6Page - Cypress Semiconductor W158 Datasheet HTML 7Page - Cypress Semiconductor W158 Datasheet HTML 8Page - Cypress Semiconductor W158 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Spread Spectrum System Frequency Synthesizer
W158
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
October 12, 1999, rev. **
Features
• Maximized EMI suppression using Cypress’s spread
spectrum technology
• Intel® CK98 Specification compliant
• 0.5% downspread outputs deliver up to 10 dB lower EMI
• Four skew-controlled copies of CPU output
• Eight copies of PCI output (synchronous w/CPU output)
• Four copies of 66-MHz fixed frequency 3.3V clock
• Two copies of CPU/2 outputs for synchronous memory
reference
• Three copies of 16.67-MHz IOAPIC clock, synchronous
to CPU clock
• One copy of 48-MHz USB output
• Two copies of 14.31818-MHz reference clock
• Programmable to 133- or 100-MHz operation
• Power management control pins for clock stop and shut
down
• Available in 56-pin SSOP
Key Specifications
Supply Voltages: ...................................... VDDQ3 = 3.3V±5%
VDDQ2 = 2.5V±5%
CPU Output Jitter: ...................................................... 150 ps
CPUdiv2, IOAPIC Output Jitter: ..................................250 ps
48 MHz, 3V66, PCI Output Jitter: ................................ 500 ps
CPU0:3, CPUdiv2_ 0:1 Output Skew: ......................... 175 ps
PCI_F, PCI1:7 Output Skew: .......................................500 ps
3V66_0:3, IOAPIC0:2 Output Skew: ...........................250 ps
CPU to 3V66 Output Offset: ........... 0.0 to1.5 ns (CPU leads)
3V66 to PCI Output Offset:.......... 1.5 to 3.0 ns (3V66 leads)
CPU to IOAPIC Output Offset: ...... 1.5 to 4.0 ns (CPU leads)
CPU to PCI Output Offset: ............ 1.5 to 4.0 ns (CPU leads)
Logic inputs, except SEL133/100#, have 250-k
Ω pull-up
resistors
Intel is a registered trademark of Intel Corporation.
Table 1. Pin Selectable Frequency[1]
SEL133/100#
CPU0:3 (MHz)
PCI
1
133 MHz
33.3 MHz
0
100 MHz
33.3 MHz
Note:
1.
See Table 2 for complete mode selection details.
Block Diagram
Pin Configuration
REF0:1
CPU0:3
CPUdiv2_0:1
3V66_0:3
XTAL
PLL 1
SPREAD#
X2
X1
PCI_F
PCI1:7
IOAPIC0:2
48MHz
PLL2
OSC
÷2
STOP
Logic
Power
Three-state
Logic
SEL0
SEL1
SEL133/100#
Clock
CPU_STOP#
÷2/÷1.5
STOP
Logic
Clock
Down
Logic
÷2
STOP
Logic
Clock
÷2
2
4
2
4
1
7
3
1
PCI_STOP#
PWRDWN#
GND
REF0
REF1
VDDQ3
X1
X2
GND
PCI_F
PCI1
VDDQ3
PCI2
PCI3
GND
PCI4
PCI5
VDDQ3
PCI6
PCI7
GND
GND
3V66_0
3V66_1
VDDQ3
GND
VDDQ2
IOAPIC2
IOAPIC1
IOAPIC0
GND
VDDQ2
CPUdiv2_1
CPUdiv2_0
GND
VDDQ2
CPU3
CPU2
GND
VDDQ2
CPU1
CPU0
GND
VDDQ3
GND
PCI_STOP#
CPU_STOP#
PWRDWN#
SPREAD#
SEL1
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
3V66_2
3V66_3
VDDQ3
SEL133/100#
SEL0
VDDQ3
48MHz
GND


Similar Part No. - W158

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
W158 SILABS-W158 Datasheet
154Kb / 12P
Spread Spectrum System Frequency Synthesizer
logo
List of Unclassifed Man...
W158HVX-1 ETC2-W158HVX-1 Datasheet
335Kb / 2P
158 Series - High Voltage, Open Style Relay
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
More results

Similar Description - W158

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W133 CYPRESS-W133 Datasheet
146Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 13, 1999
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 SILABS-W158 Datasheet
154Kb / 12P
Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com