Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W158 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W158
Description  Spread Spectrum System Frequency Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W158 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W158 Datasheet HTML 1Page - Cypress Semiconductor W158 Datasheet HTML 2Page - Cypress Semiconductor W158 Datasheet HTML 3Page - Cypress Semiconductor W158 Datasheet HTML 4Page - Cypress Semiconductor W158 Datasheet HTML 5Page - Cypress Semiconductor W158 Datasheet HTML 6Page - Cypress Semiconductor W158 Datasheet HTML 7Page - Cypress Semiconductor W158 Datasheet HTML 8Page - Cypress Semiconductor W158 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
W158
4
Mode Selection Functions
The W158 supports the following operating modes controlled through the SEL133/100#, SEL0, and SEL1 inputs.
Notes:
2.
Provided for board level “bed of nails” testing.
3.
48-MHz PLL disabled to reduce component jitter.
4.
Normal” mode of operation.
5.
TCLK is a test clock over driven on the X1 input during test mode. TCLK mode is based on 133-MHz CPU select logic.
6.
Required for DC output impedance verification.
7.
Range of reference frequency is min.=14.316, nominal = 14.31818 MHz, max.=14.32 MHz.
8.
Frequency accuracy of 48 MHz is +167 PPM to match USB default.
Table 2. Select Functions
SEL133/100#
SEL1
SEL0
Function
0
0
0
All Outputs Three-State
00
1
(Reserved)
0
1
0
Active 100-MHz, 48-MHz PLL Inactive
0
1
1
Active 100-MHz, 48-MHz PLL Active
1
0
0
Test Mode
10
1
(Reserved)
1
1
0
Active 133-MHz, 48-MHz PLL Inactive
1
1
1
Active 133-MHz, 48-MHz PLL Active
Table 3. Truth Table
SEL
133/100#
SEL1
SEL0
CPU
CPUdiv2
3V66
PCI
48MHz
REF
IOAPIC
Notes
0
0
0
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
2
0
0
1
n/a
n/a
n/a
n/a
n/a
n/a
n/a
0
1
0
100 MHz
50 MHz
66 MHz
33 MHz
HI-Z
14.318 MHz 16.67 MHz
3
0
1
1
100 MHz
50 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz 16.67 MHz
4, 7, 8
1
0
0
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK16
5, 6
1
0
1
n/a
n/a
n/a
n/a
n/a
n/a
n/a
1
1
0
133 MHz
66 MHz
66 MHz
33 MHz
HI-Z
14.318 MHz 16.67 MHz
3
1
1
1
133 MHz
66 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz 16.67 MHz
4, 7, 8
Table 4. Maximum Supply Current
Condition
Max. 2.5V supply consumption
Max. discrete cap loads,
VDDQ2=2.625V
All static inputs=VDDQ3 or GND
Max. 3.3V supply consumption
Max. discrete cap loads,
VDDQ3=3.465V or GND
Powerdown Mode
(PWRDWN#=0)
100 µA
200 µA
Full Active 100 MHz
SEL133/100#=0
SEL1, 0=11
CPU_STOP#, PCI_STOP#=1
75 mA
160 mA
Full Active 133 MHz
SEL133/100#=0
SEL1, 0=11
CPU_STOP#, PCI_STOP#=1
90 mA
160 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com