Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL1040C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SBL1040C
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SBL1040C Datasheet(HTML) 2 Page - Unisonic Technologies

  SBL1040C Datasheet HTML 1Page - Unisonic Technologies SBL1040C Datasheet HTML 2Page - Unisonic Technologies SBL1040C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBL1040C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-183.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
40
V
Recurrent Peak Reverse Voltage
VRRM
40
V
RMS Voltage
VRWM
40
V
Average Forward Rectified Current
Per Leg
IO
5
A
Total
10
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load Per Diode
IFSM
110
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Thermal resistance junction to case mounted on heatsink.
THERMAL CHARACTERISTICS (TA =25°C, unless otherwise noted.)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
3
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS MIN
TYP MAX UNIT
Instantaneous Forward Voltage (Note 1)
VF
TC=25°C, IF=5A
0.56
V
Instantaneous Reverse Current at Rated DC
Blocking Voltage Per Diode (Note 1)
IR
TC=25°C, VR=40V
100
μA
TC=100°C, VR=40V
50
mA
Note: 1. Pulse Test: 300μs pulse width, 1% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com