Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL1040C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SBL1040C
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SBL1040C Datasheet(HTML) 1 Page - Unisonic Technologies

  SBL1040C Datasheet HTML 1Page - Unisonic Technologies SBL1040C Datasheet HTML 2Page - Unisonic Technologies SBL1040C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SBL1040C
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R601-183.a
10A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SBL1040C is a 10A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high surge
capability, high efficiency, high current capability, low power loss and
low forward voltage drop, etc.
The UTC SBL1040C is suitable for free wheeling and polarity
protection, etc.
FEATURES
* High surge capability
* High efficiency
* High current capability
* Low power Loss and low forward voltage drop
SMYBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
SBL1040CL-TA3-T
SBL1040CG-TA3-T
TO-220
A
K
A
Tube
SBL1040CL-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TA3: TO-220
(3) L: Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - SBL1040C

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SBL1040CFSH ZOWIE-SBL1040CFSH Datasheet
76Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SBL1040CG-TA3-T UTC-SBL1040CG-TA3-T Datasheet
196Kb / 3P
SCHOTTKY BARRIER RECTIFIER
SBL1040CL-TA3-T UTC-SBL1040CL-TA3-T Datasheet
196Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1040CT DIODES-SBL1040CT Datasheet
66Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. C-2
logo
General Semiconductor
SBL1040CT GE-SBL1040CT Datasheet
80Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SBL1040C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com