Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPJS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVQPJS
Description  6.0mm x 3.5 mm Square Light Touch Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPJS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVQPJS Datasheet HTML 1Page - Panasonic Semiconductor EVQPJS Datasheet HTML 2Page - Panasonic Semiconductor EVQPJS Datasheet HTML 3Page - Panasonic Semiconductor EVQPJS Datasheet HTML 4Page - Panasonic Semiconductor EVQPJS Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Light Touch Switches/EVQPJ
Light Touch Switches/EVQPJ
No. 1
n Dimensions in mm (not to scale)
No. 2
±
±
±
±
±
EVQPJA04Q
1.0 N
4.3 mm
Grey
50000 cycles
EVQPJA05Q
1.0 N
5.0 mm
Grey
50000 cycles
EVQPJB04K
1.6 N
4.3 mm
Black
50000 cycles
EVQPJB05K
1.6 N
5.0 mm
Black
50000 cycles
EVQPJC04T
2.4 N
4.3 mm
Brown
30000 cycles
EVQPJC05T
2.4 N
5.0 mm
Brown
30000 cycles
Part Numbers
Operating Force
Height
Knob Color
Operating Life
EVQPJS04K
1.0 N
4.3 mm
Black
50000 cycles
EVQPJS05K
1.0 N
5.0 mm
Black
50000 cycles
EVQPJX04M
1.6 N
4.3 mm
Natural
50000 cycles
EVQPJX05M
1.6 N
5.0 mm
Natural
50000 cycles
EVQPJU04K
2.4 N
4.3 mm
Black
30000 cycles
EVQPJU05K
2.4 N
5.0 mm
Black
30000 cycles
Part Numbers
Operating Force
Height
Knob Color
Operating Life
Japan
EVQPJA
EVQPJB
EVQPJC
(Bulk)
Japan
EVQPJS
EVQPJX
EVQPJU
(Embossed Taping)
6mm´3.5 mm Square SMD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com