Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPJS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQPJS
Description  6.0mm x 3.5 mm Square Light Touch Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPJS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQPJS Datasheet HTML 1Page - Panasonic Semiconductor EVQPJS Datasheet HTML 2Page - Panasonic Semiconductor EVQPJS Datasheet HTML 3Page - Panasonic Semiconductor EVQPJS Datasheet HTML 4Page - Panasonic Semiconductor EVQPJS Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Light Touch Switches/EVQPJ
50 mA 12 Vdc
100 mW max.
100 MW min. (at 100 Vdc)
250 Vac for 1 minute
10 ms max.
1.0 N±0.5 N
(Low force type)
2.4 N±0.6 N
1.6 N±0.5 N
(Standard)
0.25 mm+0.20
50000 cycles min.
30000 cycles min.
Ð30 ¡C to +85 ¡C
Ð40 ¡C to +85 ¡C
1000 pcs.
2000 pcs.
10000 pcs.
20000 pcs.
Snap action/Push-on type SPST
Rating
Contact Resistance
Insulation Resistance
Dielectric Withstanding Voltage
Bouncing
Operating Force
Travel
Operating Life
Operating Temperature
Storage Temperature
Circuit Diagram
Electrical
Ð0.10 mm
Endurance
Mechanical
n Major Specifications
EVQPJA
EVQPJB
EVQPJC
EVQPJS
EVQPJX
EVQPJU
EVQPJG
EVQPJH
EVQPJJ
EVQPJA
EVQPJB
EVQPJC
EVQPJS
EVQPJX
EVQPJU
EVQPJG
EVQPJH
EVQPJJ
2000 pcs.
2500 pcs.
(H = 5.0 mm)
(H = 4.3 mm)
10000 pcs.
12500 pcs.
(H = 5.0 mm)
(H = 4.3 mm)
(Vinyl Bag)
(Radial Taping)
(Reel Pack)
(Reel Pack)
Minimum Quantity/
Packing Unit
Quantity/Carton
Ð20 ¡C to +40 ¡C
(Bulk)
(Taping)
Type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com