Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC73C167 Datasheet(PDF) 4 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 4 Page - Daewoo Semiconductor

  DMC73C167 Datasheet HTML 1Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 2Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 3Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 9Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
4
8Bit Single Chip Microcontroller
DMC73C167
Flexible interrupt handling and powerful instruction set
- Three external interrupts with schmitt trigger input
- No limitation on sub-routine calls (dependent on stack size only)
- Software calls through vector table (maximum 24 vectors)
- Software monitoring of interrupt status
- Precise interrupt timing through capture latch
- Global and individual interrupt masking
- Bit, nibble, word manipulation, and multiply / divide instructions
General purpose input/output ports
- Eight output only pins
- 20 input/output pins
Operating range
- CPU clock :
2MHz to 6MHz
- OSD clock :
3MHz to 8MHz
- Temperature :
0 ¡É to 70 ¡É
Package
- Primary :
54-pin Shrink dual in line package
- OTP :
54-pin Shrink dual in line package
Development support
- System evaluation and piggyback prototyping device : SE73CP87B
- Low-cost evaluation module : EVM73C00A and ADP73C167
- OTP : TMS73CE167
- Assembler/linker cross-support for popular hosts
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com