Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC73C167 Datasheet(PDF) 49 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 49 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 45Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 46Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 47Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 48Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 49Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 50Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 51Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 52Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 53Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
49
8Bit Single Chip Microcontroller
DMC73C167
5.7 I2C
The DMC73C167 contains a I2C master/slave transceiver hardware interface. The I2C bus
is a serial communication system, and requires serial data SDA and an associated data clock
SCL. As the chip is fully programmable by software, it can be used for master mode, slave
mode, and/or multi-master mode operations. Both the SCL and SDA pins are input and
open-drain output pins.
For the DMC73C167, the slave address is as follows.
A6
A5
A4
A3
A2
A1
A0
R/W
0
1
1
0
1
A1
A0
The hardware (pin) programmable address bits are A1 and A0.
Figure 5-11 I2C Block Datagram
Note : SDA, SCL = Open drain output, Schmitt input
I2C Clock=Min 1952Hz-Max 71.86KHz
(CPU CLK : 4MHz)
Master
Duty High
Counter
Duty Low
Counter
SCL
I2C Clock
I2C Clock for Slave
Master
Transmit Data
Receive Data
SDA
I2C Data
Digital Filter
Digital Filter
Slave
Transmit Data
Receive Data
Slave Address
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com