Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1202A2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1202A2
Description  Momentary pushbutton switches - round plunger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1202A2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  1202A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
APEM
www.apem.com
B2-113
B2
1200M/MR series
Robust momentary pushbutton switches - metal plunger
CONTACT MATERIALS
A
Silver
C
Copper, silver plated
Chrome plated cap nut Ø 16 (.629), flat and plain.
Can be supplied instead of standard cap nut U1866-6.
Order separately.
SPECIAL CAP NUT
AGENCY APPROVALS
UL - CSA
Availability : approved models are 1213A and 1203A (M or MR) - model 1223A is only UL approved.
Marking : to order switches marked UL or CSA, complete above box with desired approvals.
U1874
(.629DIA)
Ø16.00
16-Serie 1200M-MR-A_21-Serie 1200M-MR-A 21/11/12 16:41 Page113



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com