Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1202A2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1202A2
Description  Momentary pushbutton switches - round plunger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1202A2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1202A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1202A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APEM
www.apem.com
B2-107
B2
1200 series
Momentary pushbutton switches - round plunger
Distinctive features and specifications
❑
Butt action contacts, double break
❑
NF (EN 61058-1), UL and CSA approved
MATERIALS
• Case : polyamide
• Plunger : polyamide
• Bushing : brass, nickel plated
• Contacts :
A : silver
C : copper, silver plated
AGENCY APPROVALS
Models 1233X209 and 1233X209L are standard marked NF.
To order switches marked NF, UL or CSA, complete appropriate box of
ordering format.
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- silver contacts (A) : 4A 250VAC - 8A 125VAC - 4A 24VDC - 8A 12VDC
- silver plated copper contacts. (C) : 2A 250VAC - 3A 125VAC
2A 24VDC - 3A 12VDC
• Initial contact resistance : 10 mΩ
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
2.000 Vrms 50 Hz min. between terminals
3.000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 10.000 cycles at full load
GENERAL SPECIFICATIONS
• Torque : 1,50 Nm (1.10 Ft.lb)
max. applied to nut
• Panel thickness :
5 mm (.196) max.
• Total travel :
NO : 4,5 (.177) +/- 0,3 (.011)
NC : 3,5 (.137) +/- 0,3 (.011)
• Operating temperature :
-20°C to +55°C
Dimensions : first dimensions are in mm while inches are shown as bracketed numbers.
Sealing boots are available to protect the switches against dust and water. They are presented in section H.
Mounting accessories : standard hardware supplied :
- silver contact models : 1 hex nut U166 and 1 knurled nut U411
- copper contact models : 1 hex nut U42 and 1 knurled nut U411
Standard and special hardware are presented in section I.
Packaging unit : 40 pieces, except model 1200.L (50 pieces).
ABOUT THIS SERIES
2A 250VAC or 4A 250VAC, T55/125°C
All models
4A 250VAC - 8A 125VAC
All models function 3 (NO)
EN 61058-1
15-Serie 1200-A_20-Serie 1200-A 21/11/12 16:41 Page107


Similar Part No. - 1202A2

ManufacturerPart #DatasheetDescription
logo
APEM
1202A2 APEM-1202A2 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
logo
CIT Relay & Switch
1202A2BGEA CIT-1202A2BGEA Datasheet
241Kb / 4P
CIT SWITCH
1202A2BGEB CIT-1202A2BGEB Datasheet
241Kb / 4P
CIT SWITCH
1202A2BQEA CIT-1202A2BQEA Datasheet
241Kb / 4P
CIT SWITCH
1202A2BQEB CIT-1202A2BQEB Datasheet
241Kb / 4P
CIT SWITCH
More results

Similar Description - 1202A2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
Snap-acting Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
1400N ETC-1400N Datasheet
147Kb / 3P
Momentary pushbutton switches - snap-in mounting - square plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
Momentary pushbutton switches - round plunger
U411A ETC2-U411A Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com