Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP805 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP805
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP805 Datasheet(HTML) 5 Page - 3M Electronics

  DP805 Datasheet HTML 1Page - 3M Electronics DP805 Datasheet HTML 2Page - 3M Electronics DP805 Datasheet HTML 3Page - 3M Electronics DP805 Datasheet HTML 4Page - 3M Electronics DP805 Datasheet HTML 5Page - 3M Electronics DP805 Datasheet HTML 6Page - 3M Electronics DP805 Datasheet HTML 7Page - 3M Electronics DP805 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3M™ Scotch-Weld™
Acrylic Adhesives
DP805 • DP820
- 5 -
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Etched Al/Etched Al
OLS Bond Strength
Scotch-Weld
Scotch-Weld
Time Bonding to Testing
Acrylic Adhesive DP805
Acrylic Adhesive DP820
7 minutes
125
—
15 minutes
1000
—
30 minutes
2000
40
1 hour
2600
900
2 hours
2800
1700
4 hours
3200
2750
1 day
3500
3400
2 days
3500
3450
7 days
3500
3450
Rate of Strength Build-up OLS14 (psi)
Peel Adhesion
3M™ Scotch-Weld™ 3M™ Scotch-Weld™
Acrylic Adhesive
Acrylic Adhesive
Substrate
Test Temperature
DP805
DP820
Etched Al/Etched Al
-67°F (-55°C)
20
19
Etched Al/Etched Al
73°F (23°C)
35
22
Etched Al/Etched Al
100°F (38°C)
35
22
Etched Al/Etched Al
130°F (54°C)
36
22
Etched Al/Etched Al
150°F (65°C)
35
22
Etched Al/Etched Al
180°F (83°C)
34
22
Neoprene/CRS
73°F (23°C)
1617
11
Nitrile/CRS
73°F (23°C)
4
22
Red SBR/CRS
73°F (23°C)
1717
–
Black SBR/CRS
73°F (23°C)
3
9
180° T-Peel Adhesion15, 16 (piw)
14. Overlap Shear (ASTM D-1002-64) (3M TM C-236) strengths were measured on 1 in. wide 1/2 in. overlap specimens. These bonds were
made individually using 1 in. x 4 in. pieces of substrate. The thickness of the bond line was 0.005 - 0.008 in. All strengths were measured
at 73°F (23°C) except when noted. The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics
and 20 in. per minute for rubbers. The thickness of the substrates were: steel 0.035 in.; other metals: 0.05-0.064 in.; rubbers, 0.125 in.;
plastics, 0.125 in.
15. Metal/metal bonds tested per 3M TM C-439 @ 20 in./min. at 73°F (23°C) substrate 0.020 in. thick. Metal/rubber bonds pulled at
10 in./min.
16. Rubber/metal bonds. Rubber sanded with 120 grit sandpaper then MEK wiped.
17. Rubber delamination/tear.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com