Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP805 Datasheet(PDF) 7 Page - 3M Electronics

Part # DP805
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP805 Datasheet(HTML) 7 Page - 3M Electronics

  DP805 Datasheet HTML 1Page - 3M Electronics DP805 Datasheet HTML 2Page - 3M Electronics DP805 Datasheet HTML 3Page - 3M Electronics DP805 Datasheet HTML 4Page - 3M Electronics DP805 Datasheet HTML 5Page - 3M Electronics DP805 Datasheet HTML 6Page - 3M Electronics DP805 Datasheet HTML 7Page - 3M Electronics DP805 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3M™ Scotch-Weld™
Acrylic Adhesives
DP805 • DP820
- 7 -
Surface Preparation
For high strength structural bonds, paint, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. The amount of
surface preparation depends on the required bond strength, environmental aging
resistance desired by the user.
The following cleaning methods are suggested for common surfaces:
Steel:
1. Wipe free of dust with oil-free solvents such as acetone or isopropyl alcohol
solvents.*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with solvent to remove loose particles.*
4. If a primer is used, it should be applied within 4 hours after surface preparation.
Aluminum:
1. Alkaline Degrease: Oakite 164 solution (9-11 oz./gallon water) at 190°F ± 10°F
(88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities of cold
running water.
2. Acid Etch: Place panels in the following solution for 10 minutes at 150°F ± 5°F
(66°C ± 2°C).
Sodium Dichromate
4.1 - 4.9 oz./gallon
Sulfuric Acid, 66°Be
38.5 o 41.5 oz./gallon
2024-T3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap water as needed for balance
3. Rinse: Rinse panels in clear running tap water.
4. Dry: Air dry 15 minutes; forced air dry 10 minutes at 190°F ± 10°F (88°C ± 5°C).
5. If primer is to be used, it should be applied within 4 hours after surface preparation
(or see instruction pertaining to a specific primer).
Plastics/Rubber:
1. Wipe with isopropyl alcohol.*
2. Abrade using fine grit abrasives.
3. Wipe with isopropyl alcohol.*
Glass:
1. Solvent wipe surface using acetone or MEK.*
2. Apply a thin coating (0.0001 in. or less) of 3M™ Scotch-Weld™ Metal Primer
EC3901 to the glass surfaces to be bonded and allow the primer to dry before
bonding.
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com