Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS501MILFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS501MILFT
Description  LOCO PLL CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501MILFT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS501MILFT Datasheet HTML 1Page - Integrated Device Technology ICS501MILFT Datasheet HTML 2Page - Integrated Device Technology ICS501MILFT Datasheet HTML 3Page - Integrated Device Technology ICS501MILFT Datasheet HTML 4Page - Integrated Device Technology ICS501MILFT Datasheet HTML 5Page - Integrated Device Technology ICS501MILFT Datasheet HTML 6Page - Integrated Device Technology ICS501MILFT Datasheet HTML 7Page - Integrated Device Technology ICS501MILFT Datasheet HTML 8Page - Integrated Device Technology ICS501MILFT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS501
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
3
ICS501
REV R 051310
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the ICS501
must be isolated from system power supply noise to perform
optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the GND. It must be connected close to
the ICS501 to minimize lead inductance. No external power
supply filtering is required for the ICS501.
Series Termination Resistor
A 33
Ω terminating resistor can be used next to the CLK pin
for trace lengths over one inch.
Crystal Load Capacitors
The total on-chip capacitance is approximately 12 pF. A
parallel resonant, fundamental mode crystal should be
used. The device crystal connections should include pads
for small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally required
crystal load capacitance. Because load capacitance can
only be increased in this trimming process, it is important to
keep stray capacitance to a minimum by using very short
PCB traces (and no vias) between the crystal and device.
Crystal capacitors, if needed, must be connected from each
of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal (CL -12
pF)*2. In this equation, CL= crystal load capacitance in pF.
Example: For a crystal with a 16 pF load capacitance, each
crystal capacitor would be 8 pF [(16-12) x 2 = 8].
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS501. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (commercial)
0
+70
° C
Ambient Operating Temperature (industrial)
-40
85
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.25
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com