Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS501MILFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS501MILFT
Description  LOCO PLL CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501MILFT Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS501MILFT Datasheet HTML 1Page - Integrated Device Technology ICS501MILFT Datasheet HTML 2Page - Integrated Device Technology ICS501MILFT Datasheet HTML 3Page - Integrated Device Technology ICS501MILFT Datasheet HTML 4Page - Integrated Device Technology ICS501MILFT Datasheet HTML 5Page - Integrated Device Technology ICS501MILFT Datasheet HTML 6Page - Integrated Device Technology ICS501MILFT Datasheet HTML 7Page - Integrated Device Technology ICS501MILFT Datasheet HTML 8Page - Integrated Device Technology ICS501MILFT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICS501
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
6
ICS501
REV R 051310
Package Outline and Package Dimensions (8-pin MSOP, 3.00 mm Body)
Package dimensions are kept current with JEDEC Publication No. 95
IN D E X
AR EA
1
2
8
D
E1
E
SE AT IN G
PLAN E
A
1
A
A
2
e
- C -
b
aa a
C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A--
1.10
--
0.043
A1
0
0.15
0
0.006
A2
0.79
0.97
0.031
0.038
b
0.22
0.38
0.008
0.015
C
0.08
0.23
0.003
0.009
D
3.00 BASIC
0.118 BASIC
E
4.90 BASIC
0.193 BASIC
E1
3.00 BASIC
0.118 BASIC
e
0.65 Basic
0.0256 Basic
L
0.40
0.80
0.016
0.032
α
0
°
8
°
0
°
8
°
aaa
-
0.10
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com