Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS810251 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS810251
Description  VCXO and Synchronous Ethernet Jitter Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810251 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS810251 Datasheet HTML 1Page - Integrated Device Technology ICS810251 Datasheet HTML 2Page - Integrated Device Technology ICS810251 Datasheet HTML 3Page - Integrated Device Technology ICS810251 Datasheet HTML 4Page - Integrated Device Technology ICS810251 Datasheet HTML 5Page - Integrated Device Technology ICS810251 Datasheet HTML 6Page - Integrated Device Technology ICS810251 Datasheet HTML 7Page - Integrated Device Technology ICS810251 Datasheet HTML 8Page - Integrated Device Technology ICS810251 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS810251I Data Sheet
VCXO AND SYNCHRONOUS ETHERNET JITTER ATTENUATOR
ICS810251AGI REVISION B OCTOBER 5, 2012
2
©2012 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
PLL_SEL
Input
Pullup
When logic HIGH, the VCXO-PLL is enabled. When LOW, the VCXO-PLL is in
bypass mode. LVCMOS/LVTTL interface levels.
2, 9, 12
GND
Power
Power supply ground.
3
Reserved
Reserved
Reserved pin. Do not connect.
4
Q
Output
Single-ended clock output. LVCMOS/ LVTTL interface levels.
5VDDO
Power
Output power supply pin.
6
OE
Input
Pullup
Output enable pin for Q output. LVCMOS/LVTTL interface levels.
7VDDA
Power
Analog supply pin.
8, 15
VDD
Power
Core supply pins.
10,
11
XTAL_OUT,
XTAL_IN
Input
VCXO crystal oscillator interface. XTAL_IN is the input. XTAL_OUT is the output.
13, 14
LF0, LF1
Analog
Input/
Output
Loop filter connection node pins.
16
CLK_IN
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
VDD, VDDO = 3.465V
8
pF
VDD, VDDO = 2.625V
5
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
ROUT
Output Impedance
VDDO = 3.3V±5%
15
VDDO = 2.5V±5%
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com