Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS810251 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS810251
Description  VCXO and Synchronous Ethernet Jitter Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810251 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS810251 Datasheet HTML 5Page - Integrated Device Technology ICS810251 Datasheet HTML 6Page - Integrated Device Technology ICS810251 Datasheet HTML 7Page - Integrated Device Technology ICS810251 Datasheet HTML 8Page - Integrated Device Technology ICS810251 Datasheet HTML 9Page - Integrated Device Technology ICS810251 Datasheet HTML 10Page - Integrated Device Technology ICS810251 Datasheet HTML 11Page - Integrated Device Technology ICS810251 Datasheet HTML 12Page - Integrated Device Technology ICS810251 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ICS810251I Data Sheet
VCXO AND SYNCHRONOUS ETHERNET JITTER ATTENUATOR
ICS810251AGI REVISION B OCTOBER 5, 2012
9
©2012 Integrated Device Technology, Inc.
Schematic Example
Figure 1 shows an example of the 810251I application schematic. In
this example, the device is operated either at VDD = 3.3V or 2.5V. The
decoupling capacitors should be located as close as possible to the
power pin. The input is driven by an LVCMOS driver. An optional
3-pole filter can also be used for additional spur reduction. It is
recommended that the loop filter components be laid out for the
3-pole option. This will also allow the 2-pole filter to be used.
Figure 1. P.C. ICS810251I Schematic Example
Cp
0.001 uF
LF1
RD1
Not Install
RU1
1K
Logic Control Input Examples
VDD
Cp
TBD
To Logic
Input
pins
Zo = 50
R3
TBD
Set Logic
Input to
'1'
Cs
TBD
R2
10
LF0
VDD
VDDO
VDD
C30
0.01u
LVCMOS_Receiv er
R1
33
Rs
TBD
VDD
Q1
LVCMOS_Driv er
XTAL_IN
C2
0.1u
Set Logic
Input to
'0'
X2
C6
SPARE
XTAL_OUT
To Logic
Input
pins
C5
SPARE
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PLL_SEL
GND
Reserv ed
Q
VDDO
OE
VDDA
VDD
GND
XTAL_OUT
XTAL_IN
GND
LF0
LF1
VDD
CLK_IN
C4
0.1u
3-pole loop filter example - (optional)
C3
TBD
Cs
10uF
C1
0.1u
VDDA
Rs
1K
VDD
VDD=VDDO=3.3V
RD2
1K
Zo = 50
C45
10u
R4
33
RU2
Not Install
2-pole loop filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com