Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1807 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1807
Description  Addressable Dual Audio Taper Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1807 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1807 Datasheet HTML 1Page - Dallas Semiconductor DS1807 Datasheet HTML 2Page - Dallas Semiconductor DS1807 Datasheet HTML 3Page - Dallas Semiconductor DS1807 Datasheet HTML 4Page - Dallas Semiconductor DS1807 Datasheet HTML 5Page - Dallas Semiconductor DS1807 Datasheet HTML 6Page - Dallas Semiconductor DS1807 Datasheet HTML 7Page - Dallas Semiconductor DS1807 Datasheet HTML 8Page - Dallas Semiconductor DS1807 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
110499
FEATURES
§ Operates from 3V or 5V Power Supplies
§ Ultra-low power consumption
§ Two digitally controlled, 65-position
potentiometers
§ Logarithmic resistor characteristics (1 dB per
step)
§ Zero-crossing detection eliminates noise
caused by discrete wiper changes
§ Addressable using 3-Chip Select Inputs
§ Serial/Synchronous Bus Inputs
§ Operating Temperature Range:
- Industrial: -40
°C to +85°C
§ Standard Resistance Value: 45 k
Ω
PIN ASSIGNMENT
PIN DESCIPTION
L0, L1
- Low End of Resistor
H0, H1
- High End of Resistor
W0,W1
- Wiper Terminal of Resistor
VCC
- 3V/5V Power Supply Input
A0..A2
- Chip Select Inputs
SDA
- Serial Data I/O
SCL
- Serial Clock Input
GND
- Ground
AGND
- Analog Ground
NC
- No connection
DESCRIPTION
The DS1807 Addressable Dual Audio Taper Potentiometer is a dual audio taper potentiometer having a
logarithmic resistive characteristic. Each potentiometer has a total of 65 wiper positions including the
mute position. Adjacent wiper positions are separated by 1 dB giving a total attenuation range of 64 dB.
When the wipers are in the mute position, attenuation in excess of 90 dB is achieved. The DS1807 also
provides a zero-crossing detection capability. This capability eliminates noise caused by discrete wiper
position changes. The DS1807 is controlled via a two-input, serial synchronous interface that provides the
capability of addressing up to eight different DS1807s. Addressability is obtained via communication
protocol and three (3) address select inputs A0, A1, and A2. Communication protocol allows for the exact
positioning of the DS1807 wiper’s position. Additionally, communication protocol allows for
independent or simultaneous setting of the two potentiometers' wipers. Wiper positions can also be read
via the 2-wire serial interface.
DS1807
Addressable Dual Audio Taper Potentiometer
www.dalsemi.com
GND
1
14
VCC
A2
2
13
SCL
A1
3
12
SDA
A0
4
11
AGND
W0
5
10
H1
L0
6
9
L1
H0
7
8
W1
DS1807 14-Pin DIP (300-mil)
DS1807E 14-Pin TSSOP (173-mil)
GND
1
16
VCC
A2
2
15
NC
A1
3
14
SCL
NC
4
13
SDA
A0
5
12
AGND
W0
6
11
H1
L0
7
10
L1
H0
8
9
W1
DS1807S 16-Pin SOIC (300-mil)
See mech. Drawings Section


Similar Part No. - DS1807

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
More results

Similar Description - DS1807

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
Addressable Dual Digital Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1803 MAXIM-DS1803 Datasheet
304Kb / 11P
Addressable Dual Digital Potentiometer
110706
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com