Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1990 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1990
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1990 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1990 Datasheet HTML 2Page - Dallas Semiconductor DS1990 Datasheet HTML 3Page - Dallas Semiconductor DS1990 Datasheet HTML 4Page - Dallas Semiconductor DS1990 Datasheet HTML 5Page - Dallas Semiconductor DS1990 Datasheet HTML 6Page - Dallas Semiconductor DS1990 Datasheet HTML 7Page - Dallas Semiconductor DS1990 Datasheet HTML 8Page - Dallas Semiconductor DS1990 Datasheet HTML 9Page - Dallas Semiconductor DS1990 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS1990A
6 of 10
1-WIRE SIGNALING
The DS1990A requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: Reset sequence with Reset Pulse and Presence Pulse, write 0, write 1 and read data.
All these signals except presence pulse are initiated by the bus master.
The initialization sequence required to begin any communication with the DS1990A is shown in Figure 5.
A Reset Pulse followed by a Presence Pulse indicates the DS1990A is ready to send or receive data given
the correct ROM command.
The bus master transmits (TX ) a reset pulse ( a low signal for a minimum of 480
µs). The bus master then
releases the line and goes into receive mode (RX ). The 1-Wire bus is pulled to a high state via the
5 k
Ω pullup resistor. After detecting the rising edge on the data contact, the DS1990A waits (t
PDH , 15-60
µs) and then transmits the presence pulse (t
PDL , 60-240
µs).
READ/WRITE TIME SLOTS
The definitions of write and read time slots are illustrated in Figure 6. All time slots are initiated by the
master driving the data line low. The falling edge of the data line synchronizes the DS1990A to the
master by triggering a delay circuit in the DS1990A. During write time slots, the delay circuit determines
when the DS1990A will sample the data line. For a read data time slot, if a “0” is to be transmitted, the
delay circuit determines how long the DS1990A will hold the data line low overriding the 1 generated by
the master. If the data bit is a “1”, the iButton will leave the read data time slot unchanged.
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 5
480
µs ≤ t
RSTL <
∞ *
480
µs ≤ t
RSTH <
∞ (includes recovery time)
15
µs ≤ t
PDH < 60
µs
60
µs ≤ t
PDL < 240
µs
∗ In order not to mask interrupt signaling by other devices on the 1-Wire bus, t
RSTL + tR should always
be less than 960
µs.
RESISTOR
MASTER
DS1990A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com