Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1990 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1990
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1990 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1990 Datasheet HTML 2Page - Dallas Semiconductor DS1990 Datasheet HTML 3Page - Dallas Semiconductor DS1990 Datasheet HTML 4Page - Dallas Semiconductor DS1990 Datasheet HTML 5Page - Dallas Semiconductor DS1990 Datasheet HTML 6Page - Dallas Semiconductor DS1990 Datasheet HTML 7Page - Dallas Semiconductor DS1990 Datasheet HTML 8Page - Dallas Semiconductor DS1990 Datasheet HTML 9Page - Dallas Semiconductor DS1990 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1990A
9 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
VCC +0.3
V
1,6
Logic 0
VOL
-0.3
+0.8
V
1
Output Logic Low @ 4 mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
6.0
V
1,2
Input Load Current
IL
5
µA
3
Operating Charge
QOP
30
nC
7,8
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
I/O (1-Wire)
CIN/OUT
100
800
pF
9
AC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Data Valid
tRDV
exactly 15
µs
Release Time
tRELEASE
0
15
45
µs
Read Data Setup
tSU
1
µs
5
Recovery Time
tREC
1
µs
Reset Time High
tRSTH
480
µs
4
Reset Time Low
tRSTL
480
µs
10
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com