Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152L Datasheet(PDF) 83 Page - Dallas Semiconductor

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Datasheet(HTML) 83 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 79Page - Dallas Semiconductor DS2152L Datasheet HTML 80Page - Dallas Semiconductor DS2152L Datasheet HTML 81Page - Dallas Semiconductor DS2152L Datasheet HTML 82Page - Dallas Semiconductor DS2152L Datasheet HTML 83Page - Dallas Semiconductor DS2152L Datasheet HTML 84Page - Dallas Semiconductor DS2152L Datasheet HTML 85Page - Dallas Semiconductor DS2152L Datasheet HTML 86Page - Dallas Semiconductor DS2152L Datasheet HTML 87Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
DS2152
83 of 93
AC CHARACTERISTICS -
MULTIPLEXED PARALLEL
(0
°C to 70°C; V
DD=5V
± 5% for DS2152L;
PORT (MUX=1)
-40
°C to +85°C; V
DD=5V
± 5% for DS2152LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
200
ns
Pulse Width, DS Low or RD High
PWEL
100
ns
Pulse Width, DS High or RD Low
PWEH
100
ns
Input Rise/Fall Times
tR, tF
20
ns
R/ W Hold Time
tRWH
10
ns
R/ W Setup Time Before DS High
tRWS
50
ns
CS
Setup Time Before DS, WR or RD
active
tCS
20
ns
CS
Hold Time
tCH
0
ns
Read Data Hold Time
tDHR
10
50
ns
Write Data Hold Time
tDHW
0
ns
Muxed Address Valid to AS or ALE Fall
tASL
15
ns
Muxed Address Hold Time
tAHL
10
ns
Delay Time, DS, WR or RD to AS or ALE
Rise
tASD
20
ns
Pulse Width AS or ALE High
PWASH
30
ns
Delay Time, AS or ALE to DS, WR or RD
tASED
10
ns
Output Data Delay Time from DS or RD
tDDR
20
80
ns
Data Setup Time
tDSW
50
ns
(see Figures 16-1 to 16-3 for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com