Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2175 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2175
Description  T1/CEPT Elastic Store
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2175 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2175 Datasheet HTML 3Page - Dallas Semiconductor DS2175 Datasheet HTML 4Page - Dallas Semiconductor DS2175 Datasheet HTML 5Page - Dallas Semiconductor DS2175 Datasheet HTML 6Page - Dallas Semiconductor DS2175 Datasheet HTML 7Page - Dallas Semiconductor DS2175 Datasheet HTML 8Page - Dallas Semiconductor DS2175 Datasheet HTML 9Page - Dallas Semiconductor DS2175 Datasheet HTML 10Page - Dallas Semiconductor DS2175 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS2175
7 of 12
RECOMMENDED DC OPERATING CONDITIONS
(0°C TO 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
VDD+0.3
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
4.5
5.5
V
CAPACITANCE
(tA=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
PF
Output Capacitance
COUT
7
PF
DC ELECTRICAL CHARACTERISTICS
(0°C TO 70°C; VDD=5V±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
9
16
mA
1,2
Input Leakage
IIL
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
3
Output Current @ 0.4V
IOL
+4.0
mA
4
NOTES:
1. SYSCLK = RCLK = 2.048 MHz
2. Outputs open
3. All outputs except
SLIP , which is open collector
4. All outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com