Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2954 Datasheet(PDF) 4 Page - NEC

Part # 2SC2954
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2954 Datasheet(HTML) 4 Page - NEC

  2SC2954 Datasheet HTML 1Page - NEC 2SC2954 Datasheet HTML 2Page - NEC 2SC2954 Datasheet HTML 3Page - NEC 2SC2954 Datasheet HTML 4Page - NEC 2SC2954 Datasheet HTML 5Page - NEC 2SC2954 Datasheet HTML 6Page - NEC 2SC2954 Datasheet HTML 7Page - NEC 2SC2954 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC2954
NOISE FIGURE, ASSOCIATED GAIN vs.
COLLECTOR CURRENT
IC-Collector Current-mA
1
5
4
3
2
1
0
6
15
12
9
6
3
0
18
2
3
5
7
10
20
30
50
70 100
VCE = 10 V
f = 500 MHz
RG = 50
Ω
NF
Ga
NOISE FIGURE,vs.
FREQUENCY
2SC2945 IM2, IM3 vs. IC
VCE = 10 V
V0 = 110 dB V/75
Ω
Rg = Re = 75
Ω
at
µ
IM2
IM3
f = 90 + 100 MHz
f = 2
× 200 − 190 MHz
IM2
IM3
IM3
IM2
(dB)
f-Frequency-GHz
0.1
5
4
3
2
1
0
−20
−30
−40
−50
−60
−70
−80
20
30
IC (mA)
40
60
50
70
6
0.2
0.3
0.5
1.0
VCE = 10 V
IC = 30 mA
RG = 50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com