Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2954 Datasheet(PDF) 1 Page - NEC

Part # 2SC2954
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2954 Datasheet(HTML) 1 Page - NEC

  2SC2954 Datasheet HTML 1Page - NEC 2SC2954 Datasheet HTML 2Page - NEC 2SC2954 Datasheet HTML 3Page - NEC 2SC2954 Datasheet HTML 4Page - NEC 2SC2954 Datasheet HTML 5Page - NEC 2SC2954 Datasheet HTML 6Page - NEC 2SC2954 Datasheet HTML 7Page - NEC 2SC2954 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC2954
NPN SILICON EPITAXIAL TRANSISTOR
POWER MINI MOLD
DATA SHEET
Document No. P10405EJ3V0DS00 (3rd edition)
(Previous No. TC-1458A)
Date Published March 1997 N
Printed in Japan
1994
©
DESCRIPTION
The 2SC2954 is an NPN epitaxial silicon transistor disigned for
low noise wide band amplifier and buffer amplifier of OSC, for VHF
and CATV bnad.
FEATURES
• Low Noise and High Gain.
f = 200 MHz, 500 MHz
NF: 2.3 dB, 2.4 dB
S21e: 20 dB, 12.5 dB
• Large PT in Small Package.
PT: 2 W with 16 cm
2
 0.7 mm Ceramic Substrate.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
18
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
150
mA
Total Power Dissipation
PT*
2.0
W
Termal Resistance
Rth(j-a)*
62.5
C/W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
* With 16 cm
2
 0.7 mm
Ceramic Substrate
PACKAGE DIMENSIONS
(Unit: mm)
Term, Connection
E
C
B
(SOT-89)
: Emitter
: Collector (Fin)
: Base
0.41
−0.03
+0.05
0.47
±0.06
0.42±0.06
4.5±0.1
1.6±0.2
3.0
EB
C
1.5
1.5±0.1
0.42
±0.06


Similar Part No. - 2SC2954

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2954 ISC-2SC2954 Datasheet
241Kb / 5P
isc Silicon NPN RF Transistor
More results

Similar Description - 2SC2954

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2780 NEC-2SC2780 Datasheet
209Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
2SC3617 NEC-2SC3617 Datasheet
225Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1005 NEC-2SD1005 Datasheet
211Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1614 NEC-2SD1614 Datasheet
214Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1699 NEC-2SD1699 Datasheet
198Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1950-T1-AZ RENESAS-2SD1950-T1-AZ Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3554 RENESAS-2SC3554_15 Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com