Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2890P Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2890P
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890P Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2890P Datasheet HTML 5Page - Dallas Semiconductor DS2890P Datasheet HTML 6Page - Dallas Semiconductor DS2890P Datasheet HTML 7Page - Dallas Semiconductor DS2890P Datasheet HTML 8Page - Dallas Semiconductor DS2890P Datasheet HTML 9Page - Dallas Semiconductor DS2890P Datasheet HTML 10Page - Dallas Semiconductor DS2890P Datasheet HTML 11Page - Dallas Semiconductor DS2890P Datasheet HTML 12Page - Dallas Semiconductor DS2890P Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DS2890
9 of 27
Figure 8. TYPICAL WIPER RESISTANCE VS WIPER VOLTAGE,
CHARGE PUMP OFF
100
1000
10000
100000
0.1
5.5
11
Wiper Voltage (V)
3V, 25C
3V, 85C
5V, 25C
5v, 85C
TO-92 PACKAGE OPERATION
When packaged in a 3-pin TO-92, the DS2890 takes on a configuration as shown in Figure 9. As shown,
the RL and Wiper terminals and are connected to GND and the resistance between the RH terminal and
GND is varied.
Note that the DS2890 charge pump must be turned off (default state) for this
configuration. (This is a power consumption issue as described in the section “POTENTIOMETER
WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com