Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2890P Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS2890P
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890P Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS2890P Datasheet HTML 19Page - Dallas Semiconductor DS2890P Datasheet HTML 20Page - Dallas Semiconductor DS2890P Datasheet HTML 21Page - Dallas Semiconductor DS2890P Datasheet HTML 22Page - Dallas Semiconductor DS2890P Datasheet HTML 23Page - Dallas Semiconductor DS2890P Datasheet HTML 24Page - Dallas Semiconductor DS2890P Datasheet HTML 25Page - Dallas Semiconductor DS2890P Datasheet HTML 26Page - Dallas Semiconductor DS2890P Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DS2890
25 of 27
NOTES:
1. Voltage is referenced to ground.
2. Valid at 25
oC only.
3. Wiper resistance is a function of operating characteristics. See section “POTENTIOMETER WIPER
RESISTANCE AND CHARGE PUMP CONSIDERATIONS” for RWIPER characteristics.
4. Absolute linearity is a measure of wiper output voltage versus expected wiper voltage as determined
by wiper position.
5. Relative linearity is a measure of the output deviation between successive potentiometer tap points.
DC ELECTRICAL CHARACTERISTICS
2.8V
≤ V
PUP
≤ 6.0V, -40°C ≤ T
A
≤ +85°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
1-Wire Input High
VIH
2.2
V
1
1-Wire Input Low
VIL
-0.3
0.8
V
1,2
1-Wire Output High
VOH
VPUP
6.0
V
1,3
1-Wire Output Low @ 4 mA
VOL
0.4
V
1
1-Wire Input Leakage Current
IL
5
µA
4
VDD Input Current, Charge Pump
OFF
IDD
4.0
µA
5
VDD Input Current, charge Pump
ON
IDD
2.0
mA
6
NOTES:
1. Voltages are referenced to ground.
2. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always
guarantee a presence pulse.
3. VPUP is the external 1-Wire pull-up voltage.
4. Input load is to ground.
5. Input current when an auxiliary VDD supply is used and the charge pump is turned OFF.
6. Input current when an auxiliary VDD supply is used and the charge pump is turned ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com