Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ2 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # MJ2
Description  5.0 x 3.2 x 0.9mm SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MJ2 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  MJ2 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
MJ2 crystals are miniature surface-mount crystals produced with a
ceramic substrate and seam-welded metal lid. Their compact size and
low mass make hem an ideal crystal for high-density applications.
Miniature size: 5.0mm x 3.2mm x 0.9mm height
2 pad version
High shock and vibration resistance
Ideal for PDAs, GPS, PCMCIA, Wireless LAN etc.
FEATURES
OUTLINE & DIMENSIONS
Frequency Range
8.0MHz to 50.0MHz:
AT-Cut Fundamental
40.0MHz to 150.0MHz:
AT-Cut 3rd Overtone
Calibration Tolerance at 25ºC:
from ±10ppm to ±100ppm
Frequency stability over Temp:
from ±10ppm to ±100ppm
Operating Temperaure Range:
-10° ~ +60°C to -40° ~ +85°C
Storage Temperature:
-40°~+85°C / -55° ~ +125°C
Effective Series Resistance:
See table
Shunt Capacitance (C0):
2pF to 5pF typical, 7pF maximum
Load Capacitance (CL):
Series or from 6pF to SeriespF
(Customer specified CL)
Ageing:
<±5ppm per year at +25°C
Drive level:
100 mW maximum
Insulation Resistance:
500MΩ min. at 100±15VDC
Reflow Soldering:
10s maximum at 260°C
2 reflows maximum
Package:
Ceramic base, metal lid,
Hermetic seal
Packaging:
12mm EIA tape and reel
1000 pieces per reel
SPECIFICATION
8.0 ~ 10.0
AT Fund.
100
10.01 ~ 12.0
AT Fund.
80
12.01 ~ 20.0
AT Fund.
60
20.01 ~ 50.01 AT Fund.
40
40.01 ~ 150.0 3rd Overtone
80
Frequency
Range (MHz)
Crystal Cut/
Mode
ESR
Ω Max.
EQUIVALENT SERIES RESISTANCE (ESR)
MJ2 CRYSTALS
ENVIRONMENTAL SPECIFICATION
5.0 x 3.2 x 0.9mm SMD
8.0MHz to 150MHz
PART NUMBER GENERATION
Part numbers for MJ2 crystals are generated as follows:
12.000MHz MJ2/20/30/-10+60/18pF/ATF/60R
RoHS Status:
Compliant
Gross Leak:
1kg pressurized water immersion
test as per Euroquartz procedures.
Fine Leak:
<5x10-8 atm cc/s -helium leak test
Shock:
±5ppm max. Free drop 3 times
from 75cm height onto a hard
wooden board or half sine wave
acceleration of 100g peak
amplitude for 11 ms duration, 3
cycles each plane.
Vibration:
±5ppm max., frequency 10 to
55Hz, amplitude 1.5mm or
10g rms. Duration 6 hours.
Solderability:
MIL-STD-883, Method 2003
Humidity:
48 hours at 85°C, relative
humidity, non-condensing
Thermal Shock:
Temperature cycling: Exposed to
-40°C for 30 minutes then to
+85°C for 30 minutes,
- duration 5 days.
Nominal
Frequency
Package MJ2
Calibration tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
(Lower and upper limits)
Load Capacitance
(Either SR for series or CL in pF)
Mode: ATF = Fundamental
AT3 = 3rd Overtone
(Optional, use when mode clarity is required)
Equivalent Series Resistance
(Optional)


Similar Part No. - MJ2

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
logo
List of Unclassifed Man...
MJ2-1 ETC-MJ2-1 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300 ETC-MJ2-1300 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300-AFR-20 ETC-MJ2-1300-AFR-20 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300-APH-20 ETC-MJ2-1300-APH-20 Datasheet
8Mb / 17P
Basic Limit Switch
More results

Similar Description - MJ2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
3.2 x 2.5 x 0.9mm 4 pad SMD
G536 EUROQUARTZ-G536 Datasheet
120Kb / 2P
5.0 x 3.2 x 1.2mm 6 pad SMD
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
5 x 3.2 x 0.9mm SMD
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
logo
TAITIEN ELECTRONICS CO....
AT-0014-XV TAITIEN-AT-0014-XV Datasheet
267Kb / 1P
5.0 x 3.2 mm SMD Crystal
logo
Transko Electronics, In...
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
TVP5 TRANSKO-TVP5 Datasheet
433Kb / 2P
LVPECL MINIATURE SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: Jun. 2015
TX-T TRANSKO-TX-T Datasheet
315Kb / 2P
TCXO/VCTCXO MINIATURE SMD (5.0 x 3.2 x 1.5mm)
Rev. 2: Jul. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com