Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC25N80C Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXKC25N80C
Description  N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Electrically Isolated Back Surface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC25N80C Datasheet(HTML) 1 Page - IXYS Corporation

  IXKC25N80C Datasheet HTML 1Page - IXYS Corporation IXKC25N80C Datasheet HTML 2Page - IXYS Corporation IXKC25N80C Datasheet HTML 3Page - IXYS Corporation IXKC25N80C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS All rights reserved
1 - 4
20080526a
IXKC 25N80C
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
V
GS = 10 V; ID = ID90
135
150
m
Ω
V
GS(th)
V
DS = VGS; ID = 2 mA
2
4
V
I
DSS
V
DS = VDSS; VGS = 0 V
T
VJ =
25°C
T
VJ = 125°C
250
50
µA
µA
I
GSS
V
GS = ± 20 V; VDS = 0 V
±200
nA
C
iss
C
oss
C
rss
V
GS = 0 V; VDS = 25 V; f = 1 MHz
4600
2500
120
pF
pF
pF
Q
g
Q
gs
Q
gd
V
GS = 0 to 10 V; VDS = 640 V; ID = ID90
180
20
80
nC
nC
nC
t
d(on)
t
r
t
d(off)
t
f
V
GS = 10 V; VDS = 640 V; TVJ = 125°C
I
D = 35 A; RG = 2.2 Ω
25
25
75
10
ns
ns
ns
ns
R
thJC
0.5
K/W
MOSFET
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C
800
V
V
GS
± 20
V
I
D25
I
D90
T
C = 25°C
T
C = 90°C
25
18
A
A
E
AS
E
AR
T
J start = 25°C; single pulse; ID = 3.4 A
T
J start = 25°C; repetitive; ID = 17 A
670
0.5
mJ
mJ
dV/dt
V
DS < VDSS; IF = 35 A; TVJ = 150°C
d
IR /dt = 100 A/µs
6
V/ns
I
D25
= 25
A
V
DSS
= 800
V
R
DS(on) max = 150 mΩ
CoolMOS™ 1) Power MOSFET
ISOPLUSTM Package
D
G
S
N-Channel Enhancement Mode
Low R
DSon, high VDSS MOSFET
Electrically Isolated Back Surface
ISOPLUS220
G
D
S
isolated
back surface
E72873
Features
• Silicon chip on Direct-Copper-Bond
substrate
- high power dissipation
- isolated mounting surface
- 2500 V electrical isolation
• 3rd generation CoolMOS™ 1) power
MOSFET
- high blocking capability
- lowest resistance
- avalanche rated for unclamped
inductive switching (UIS)
• Low thermal resistance due to
reduced chip thickness
• Low drain to tab capacitance (<30 pF)
Applications
• Switched mode power supplies (SMPS)
• Uninterruptible power supplies (UPS)
• Power factor correction (PFC)
• Welding
• Inductive heating
Advantages
• Easy assembly: no screws or isolation
foils required
• Space savings
• High power density
1) CoolMOS™ is a trademark of
Infineon Technologies AG.


Similar Part No. - IXKC25N80C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXKC20N60C IXYS-IXKC20N60C Datasheet
520Kb / 2P
CoolMOS Power MOSFET in ISOPLUS220 Package
logo
Inchange Semiconductor ...
IXKC20N60C ISC-IXKC20N60C Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXKC23N60C5 IXYS-IXKC23N60C5 Datasheet
290Kb / 4P
CoolMOS Power MOSFET
logo
Inchange Semiconductor ...
IXKC23N60C5 ISC-IXKC23N60C5 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXKC25N80C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
IXKH30N60C5 IXYS-IXKH30N60C5 Datasheet
112Kb / 4P
CoolMOS Power MOSFET N-Channel Enhancement Mode Low Rdson, High Vdss MOSFET
IXKH35N60C5 IXYS-IXKH35N60C5 Datasheet
114Kb / 4P
N-Channel Enhancement Mode Low RDSon, High VDSS MOSFET Ultra low gate charge
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
Electrically Isolated Back Surface
IXKC19N60C5 IXYS-IXKC19N60C5 Datasheet
120Kb / 4P
Electrically isolated back surface 2500 V electrical isolation N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Ultra low gate charge
IXKR47N60C5 IXYS-IXKR47N60C5 Datasheet
137Kb / 4P
Electrically isolated back surface 2500 V electrical isolation N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Ultra low gate charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com