Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6519APARUC6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM6519APARUC6F
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519APARUC6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM6519APARUC6F Datasheet HTML 14Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 15Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 16Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 17Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 18Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 19Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 20Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 21Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Package information
STM6519
18/25
Doc ID 022111 Rev 6
Figure 15.
Footprint recommendation for UDFN4, 1.00 mm x 1.45 mm x 0.50 mm,
0.65 mm pitch
Table 5.
UDFN4, 1.00 mm x 1.45 mm x 0.50 mm, 0.65 mm pitch package
mechanical data
Symbol
Dimensions
Note(1)
1.
Controlling dimension: millimeters.
(mm)
(inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.127
0.005
b
0.20
0.25
0.30
0.008
0.010
0.012
D
1.40
1.45
1.50
0.055
0.057
0.059
E
0.95
1.0
1.05
0.037
0.039
0.041
e
0.65
0.026
L
0.30
0.35
0.40
0.012
0.014
0.016
N
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com