Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6519APARUC6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM6519APARUC6F
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519APARUC6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM6519APARUC6F Datasheet HTML 17Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 18Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 19Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 20Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 21Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 22Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 23Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 24Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
STM6519
Package marking information
Doc ID 022111 Rev 6
23/25
12
Package marking information
Figure 20.
Package marking (top view)
Table 8.
Package marking
Part number
tSRC
(s)
Smart Reset
inputs(1)
1.
AL = active-low.
Output
type(2)
2.
OD = open drain, AL = active-low.
tREC
option(3)
3.
No tREC = push-button controlled reset pulse width, any other value represents typical value of tREC.
Package
Topmark
STM6519AHARUC6F
4.0
AL
OD, AL
No tREC
UDFN4
HA
STM6519ALARUC6F
6.0
AL
OD, AL
No tREC
UDFN4
LA
STM6519APARUC6F
7.5
AL
OD, AL
No tREC
UDFN4
PA
STM6519AUARUC6F
10.0
AL
OD, AL
No tREC
UDFN4
UA
STM6519ACARUB6F
1.5
AL
OD, AL
No tREC
UDFN6
CA
STM6519AHARUB6F
4.0
AL
OD, AL
No tREC
UDFN6
HA
STM6519ALARUB6F
6.0
AL
OD, AL
No tREC
UDFN6
LA
STM6519APAAUB6F
7.5
AL
OD, AL
210 ms
UDFN6
PB
STM6519APARUB6F
7.5
AL
OD, AL
No tREC
UDFN6
PA
STM6519APBBUB6F
7.5
AL + pull-up
OD, AL
360 ms
UDFN6
PC
STM6519AUARUB6F
10.0
AL
OD, AL
No tREC
UDFN6
UA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com