Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B540C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B540C
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B540C Datasheet(HTML) 1 Page - Diodes Incorporated

  B540C Datasheet HTML 1Page - Diodes Incorporated B540C Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS13012 Rev. C-2
1 of 2
B520C-B560C
Characteristic
Symbol
B520C
B530C
B540C
B550C
B560C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT = 90°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
175
A
Forward Voltage
@ IF = 5.0A DC
VFM
0.55
0.70
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.5
20
mA
Typical Junction Capacitance (Note 2)
Cj
300
pF
Typical Thermal Resistance, Junction to Terminal (Note 1)
RqJT
10
K/W
Typical Thermal Resistance, Junction to Ambient
RqJA
50
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
B520C - B560C
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Guard Ring Die Construction for Transient
Protection
·
Ideally Suited for Automatic Assembly
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 175A Peak
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material - UL Flammability
Classification 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Approx. Weight: 0.21grams
·
Marking: Type Number
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Notes:
1. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - B540C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
B540C BILIN-B540C Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
B540C LUGUANG-B540C Datasheet
187Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Unisonic Technologies
B540C UTC-B540C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
B540C KEXIN-B540C Datasheet
578Kb / 2P
Schottky Diodes
logo
Microdiode Semiconducto...
B540C CHENDA-B540C Datasheet
535Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B540C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD520S WTE-SD520S Datasheet
43Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B520C_ DIODES-B520C_ Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
B520C DIODES-B520C_10 Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
B540C-13 DIODES-B540C-13 Datasheet
167Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B520C-13 DIODES-B520C-13 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifier
SS52 SUNMATE-SS52 Datasheet
98Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B520C DIODES-B520C_15 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
B520CE DIODES-B520CE Datasheet
478Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
December 2019 Rev. 3 - 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com