Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFR80N60P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR80N60P3
Description  Polar3TM HiPerFETTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR80N60P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR80N60P3 Datasheet HTML 1Page - IXYS Corporation IXFR80N60P3 Datasheet HTML 2Page - IXYS Corporation IXFR80N60P3 Datasheet HTML 3Page - IXYS Corporation IXFR80N60P3 Datasheet HTML 4Page - IXYS Corporation IXFR80N60P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXFR80N60P3
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
 300s, duty cycle, d  2%.
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
80
A
I
SM
Repetitive, Pulse Width Limited by T
JM
320
A
V
SD
I
F = IS , VGS = 0V, Note 1
1.5
V
t
rr
250
ns
Q
RM
1.4
μC
I
RM
13.0
A
I
F = 40A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 40A, Note 1
55
90
S
C
iss
13.1
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
1240
pF
C
rss
5.0
pF
R
Gi
Gate Input Resistance
1.0

t
d(on)
48
ns
t
r
25
ns
t
d(off)
87
ns
t
f
8
ns
Q
g(on)
190
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 40A
56
nC
Q
gd
48
nC
R
thJC
0.23
C/W
R
thCS
0.15
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 40A
R
G = 1 (External)
1 = Gate
2,4 = Drain
3 = Source
ISOPLUS247 (IXFR) Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com