Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA600F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLA600F
Description  COSEL Provides a Streamlined and Economical Power series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLA600F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLA600F Datasheet HTML 1Page - List of Unclassifed Manufacturers PLA600F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COSEL Provides a Streamlined and Economical Power series,
which satisfies Worldwide Requirements.
* Single output general purpose power supplies
* Wide temperature range
    -20 to +70℃ (required output derating)
* Safety agency approvals
    *UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178
    *Complies with DEN-AN
■ Product Lineup
■ The Economical Power Solution
PLA300F : 41mm, 1.61 inch ( meets 1U height )
PLA600F : 61mm, 2.40 inch ( meets 2U height )
■ Low Profile
RoHS Compliant
Harmonic Attenuator (IEC61000-3-2)
Built In Power Factor Correction with lower input current .
■ Environmentally Friendly
Responding to our customers requests
■ Mulitiple Useful Options Available
Code
Function
300F
600F
C
Conformal coating
Low leakage current
Input voltage dip (semi F-47)
Remote on/off, remote sensing
parallel operation and alarm
External potentiometer for
output voltage adjustment
W
G
U
V
(N/A)
−
MODEL
PLA300F
PLA600F
INPUT VOLTAGE
AC 85 - 264V (Required Derating) 50/60Hz
Complies with IEC61000-3-2
-20 to +70℃ (Required Derating)
AC3,000V 1minute, Cutoff current= 10mA, DC500V 50MΩ min(At Room Temperature)
AC2,000V 1minute, Cutoff current= 10mA, DC500V 50MΩ min(At Room Temperature)
AC 500V 1minute, Cutoff current=100mA, DC500V 50MΩ min(At Room Temperature)
UL60950-1, C-UL (CSA60950-1), EN60950-1,EN50178 (under application)
Complies with FCC-B, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
0.98
0.95
50A
25A
20A
12.5A
8.4A
6.3A
0.75mA max
INPUT - OUTPUT
ACIN 115V
ACIN 230V
5V
12V
15V
24V
36V
48V
INPUT - FG
OUTPUT - FG
102(W) × 41(H) × 190(D) mm
4.02(W) × 1.61(H) × 7.48(D) inches
120(W) × 61(H) × 215(D) mm
4.72(W) × 2.40(H) × 8.46(D) inches
0.98
0.95
100A
50A
40A
25A
16.7A
12.5A
1.5mA max
HARMONIC ATTENUATOR
POWER FACTOR
(Io=100%)
LEAKAGE CURRENT
(ACIN 240V, 60Hz, Io=100%)
CASE SIZE
(excluding terminal block and screw)
*2. The actual products may look different. *Please check our website (www.cosel.co.jp/en) for the latest information.
*1. When remote on/off control is not used, please choose W1 option which does not include the function.
OPERATING TEMP
ISOLATION
AGENCY APPROVALS
CONDUCTED NOISE
OUTPUT
VOLTAGE/
CURRENT
264
115
85
80
∼
∼
100
264
115
Input voltage[AC V]
Input voltage[AC V]
85
80
∼
∼
100
−20 −10 0
0
20
40
60
80
100
10 20
30
Ambient temperature [℃]
40
50
60
70
80
−20 −10 0
0
20
40
60
80
100
10 20
30
Ambient temperature [℃]
40
50
60
70
80
PLA300F
PLA600F
meets 1U
(1.61 inch)
meets 2U
(2.40 inch)
*2
*2
300 / 600W
Enclosed Type AC-DC
Switching Power Supply
*1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com