Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA600F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLA600F
Description  COSEL Provides a Streamlined and Economical Power series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLA600F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLA600F Datasheet HTML 1Page - List of Unclassifed Manufacturers PLA600F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cosel.co.jp/en
Compliant
PLAseries
Enclosed Type AC-DC
Switching Power Supply
300/600 Watt
Single Output Power Supplies
3 years warranty
Safety
Approvals
Inrush
current
limiting
Power
Factor
Correction
OVP
World wide
OCP
EMI
■
Features
*Economical & Cost Effective Power Solution
*Low Profile
PLA300F:41mm (1U height compatible)
PLA600F:61mm
*Harmonic Attenuator
Complies with IEC61000-3-2
*Built-in Power Factor Correction
*Universal Input
AC85 - 264V (Required output derating)
*Wide Temperature Range
-20 to +70℃ (Required output derating)
■
Safety Agency Approvals
*UL60950-1, C-UL(CSA60950-1)
EN60950-1, EN50178
*Complies with DEN-AN
■
CE Marking
*Low Voltage Directive
■
EMS Compliance
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
EN61204-3, EN61000-6-2
1-6-43 Kamiakae-machi, Toyama 930-0816, Japan
TEL: +81-76-432-8152 FAX: +81-76-442-9660
E-mail: kaigai@cosel.co.jp
COSEL CO., LTD.
1546 Montague Expressway, San Jose, CA 95131 USA
TEL : +1-408-980-5144 FAX : +1-408-980-9754
E-mail: sales@coselusa.com
COSEL U.S.A., INC.
Rm. 601, 9 Chong Yip Street, Kwun Tong, Kowloon, Hong Kong
TEL: +852-2305-2712 FAX: +852-2305-3006
E-mail: sales@coselasia.com
COSEL ASIA LTD.
Berner Str. 51, 60437 Frankfurt am Main, Germany
TEL: +49-69-95 00 79-0 FAX: +49-69-50 83 02 00
E-mail: sales@coseleurope.eu
COSEL EUROPE GMBH
Room 3F2, Zhao Feng Universe Building,
1800 Zhong Shan West Road, Shanghai, P.R.China
TEL: +86-21-6440 0381 FAX: +86-21-6440 0380
E-mail: sales@coselasia.com
COSEL (SHANGHAI) ELECTRONICS CO. LTD.
■
EMI
COSEL Series lineup
*Complies with FCC-B, CISPR22-B,
EN55022-B, and VCCI-B
◆
PLA (Enclosed type)
 300, 600W General purpose (Economical)
◆
PBA (Enclosed type)
 10-1.5kW Compact, Multi-function
◆
ADA (Enclosed type)
 600-1kW 24V or more, Peak output
◆
LFA (PCB type)
 10-300W Compact
◆
LEP (PCB type)
 100-240W 24V or more, Peak output
◆
ACE (Configurable type)
 300-900W Multi output
◆
PMA (Enclosed type)
 15-100W Medical purpose
■
3-years Warranty


Similar Part No. - PLA600F

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA600F-12 COSEL-PLA600F-12 Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
PLA600F-12-C COSEL-PLA600F-12-C Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
PLA600F-12-G COSEL-PLA600F-12-G Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
PLA600F-12-U COSEL-PLA600F-12-U Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
PLA600F-12-V COSEL-PLA600F-12-V Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
More results

Similar Description - PLA600F

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF0015 ACT-ACTF0015 Datasheet
72Kb / 3P
a low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
logo
Yamaichi Electronics Co...
YED353 YAMAICHI-YED353 Datasheet
331Kb / 2P
Economical and Customised Specialities
logo
Allegro MicroSystems
ACS759XCB ALLEGRO-ACS759XCB Datasheet
618Kb / 19P
The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
logo
List of Unclassifed Man...
PD3316MT150 ETC2-PD3316MT150 Datasheet
177Kb / 5P
Provides high power and high saturation
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
High power capability Economical
logo
Allegro MicroSystems
ACS759 ALLEGRO-ACS759 Datasheet
989Kb / 19P
The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15 Datasheet
44Kb / 4P
Streamlined features based on Virtex architecture
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
Economical
logo
Level One
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
Provides wall and desktop mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com