Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4013 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSPM4013
Description  High Efficiency 3A Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4013 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSPM4013 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ZSPM4013
High Efficiency 3A Synchronous Buck Converter
Data Sheet
October 10, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.10
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 21
9
Document Revision History
Revision
Date
Description
1.00
23-Jan-2012
First release.
1.01
26-Jan-2012
Revision to delete note under Table 1.2.
1.02
17-Sep-2012
Correction of application circuits. PG can only be connected to VOUT through the optional
resistor.
1.10
10-Oct-2012
Correction of specifications for operating voltage supply range in Table 1.3, in Table 1.4,
and on page 2.
R
emoved reference to “Dissipation Table” in Table 1.1.
Update for Figure 2.6.
Added instructions to connect duplicate pins in the pin description table.
Revised block diagram graphic for block titled “Under and Over Voltage Protection” to read
“Over-Voltage Protection.”
Removed reference to the R code in the part-ordering table in section 6. This option is not
available.
Revised reference to “Figure 2” in section 5.3.8 to refer to Figure 3.2.
Update for contact information.
Sales and Further Information
www.zmdi.com
analog@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korea Office
U-space 1 Building
11th Floor, Unit JA-1102
670 Sampyeong-dong
Bundang-gu, Seongnam-si
Gyeonggi-do, 463-400
Korea
Phone +49.351.8822.7.776
Fax
+49.351.8822.8.7776
Phone 855-ASK-ZMDI
(855-275-9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.31.950.7679
Fax
+82.504.841.3026
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or
any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com