Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4013 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSPM4013
Description  High Efficiency 3A Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4013 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSPM4013 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSPM4013 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ZSPM4013
High Efficiency 3A Synchronous Buck Converter
Data Sheet
October 10, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.10
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 21
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Soft Start Ramp Time
TSS
4
ms
PFM Mode FB Comparator
Threshold
FBTH-PFM
VOUT +
1%
V
VOUT Under Voltage
Threshold
VOUT-UV
91%
VOUT
93%
VOUT
95%
VOUT
VOUT Under Voltage
Hysteresis
VOUT-
UV_HYST
1.5%
VOUT
VOUT Over Voltage Threshold
VOUT-OV
103%
VOUT
VOUT Over Voltage
Hysteresis
VOUT-
OV_HYST
1% VOUT
Max Duty Cycle
DUTYMAX
(See table note 2)
95%
97%
99%
1)
RDSON is characterized at 1A and tested at lower current in production.
2)
Regulator VSW pin is forced off for 240ns every 8 cycles to ensure the BST cap is replenished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com