Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3123 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3123
Description  Capacitive Sensor Signal Conditioner
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3123 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3123 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
ZSSC3123
cL
ite™ Capacitive Sensor Signal Conditioner
Data Sheet
September 29, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev.1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used
without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes
without notice.
21 of 67
TREF
TOFF
T
BG
PTAT
RES
TEMP
C
C
C
)
V
/
V
(
2
Z
pF
1
Trim
_
Temp
44
.
1
C
T
pF
1
Offset
_
CDC
44
.
1
C
TOFF
pF
1
Reference
_
CDC
44
.
1
C
TREF
2.2.2
Temperature Measurement
The temperature signal comes from an internal PTAT (proportional to absolute temperature) circuit that is a meas-
ure of the die temperature. The PTAT (VPTAT) voltage is used in the CDC to charge an internal capacitor (CT),
while the bandgap voltage (VBG) is used to charge the offset and the reference trimmable capacitors. The CDC
temperature output (ZTEMP) is defined by equations (10) to (13):
(10)
With
(11)
With
(12)
And
(13)
Symbol
Description
ZTEMP
Measured internal temperature
RES
Programmable CDC resolution of 8, 10, 12, or 14 bits (bit setting in Table 5.4)
VPTAT
Internal PTAT voltage
VBG
Internal bandgap voltage
CT
Temperature measurement capacitor
CTOFF
Temperature CDC zero shift
CTREF
Temperature reference capacitance
Temp_Trim
Temperature trim setting (bit setting in Table 5.4)
CDC_Offset
CDC offset trim setting (bit setting in Table 5.4)
CDC_Reference
CDC reference setting (bit setting in Table 5.4)
Note: The factory settings for Temp_Trim, CDC_Offset, and CDC_Reference are optimized for the full
temperature range of -40°C to 125°C guaranteeing a minimum effective resolution of 13 bits when 14 bits of reso-
lution is selected. Unless a different temperature range is needed, it is strongly recommended that these settings
not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com