Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3123 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3123
Description  Capacitive Sensor Signal Conditioner
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3123 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3123 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3123 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
ZSSC3123
cL
ite™ Capacitive Sensor Signal Conditioner
Data Sheet
September 29, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev.1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used
without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes
without notice.
9 of 67
1.3
Electrical Parameters
See important footnotes at the end of the following table.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
Update Mode Current (varies with
part configuration)
1
IDD
Best case settings:
*
Mult 1, 8-bit, 125ms Power Down
60
100
μA
Worst case settings:
Mult 1, 14-bit, 0ms Power Down
750
1100
Extra Current with PDM enabled *
IPDM
150
μA
Sleep Mode Current
1
ISLEEP
-40 to 85°C
0.6
1
μA
-40 to 125°C
1
3
μA
Voltage Levels
Power-On-Reset Level
VPOR
1.6
1.7
2.2
V
Active Regulated Voltage
VREG
Note: Regulated voltage can be
measured on the Vcore pin.
2.4
2.55
2.7
V
CAPACITANCE-TO-DIGITAL CONVERTER (CDC)
Resolution
RESCDC
8
14
Bits
Excitation Frequency of External
Capacitances C0 and C1
(for a system frequency fSYS)
fEXC
fSYS/2
kHz
Integral Nonlinearity (INL)
2
INLCDC
Mult 1, 10% to 90% input, 14-bit
0.2
%
Differential Nonlinearity (DNL) *
DNLCDC
Mult 1, 10% to 90% input, 14-bit
0.9
LSB
EEPROM
Number of Erase/Write Cycles
nWRI_EEP
@85
C
100k
Data Retention
tWRI_EEP
@100
C
10
Year
TEMPERATURE CONVERSION
Resolution in °C *
RESTEMP
-40 to 125°C, 8-bit mode
0.64
0.96
1.6
°C
-40 to 125°C, 14-bit mode
0.01
0.015
0.025
Nonlinearity First Order Fit *
, 3
INLCDC
-40 to 125°C
±0.5
±1
°C
Nonlinearity Second Order Fit *
, 4
INLCDC
-40 to 125°C
±0.2
±0.4
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com