Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP122-5HNLED Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EADIP122-5HNLED
Description  LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP122-5HNLED Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EADIP122-5HNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EA DIP122-5
Page 3
Specifications may be changed without
prior notice. Printing error reserved
CONTRAST ADJUSTMENT
Contrast voltage for all displays of EA DIP122-5 series is typ. -4V. That means that for 5V power supply an
additional negative voltage of min. 4V is required.
Display modules for -20..+70°C (-5HNLED, -5NLW and -5NLA) are equipped with an on-board
temperature compensation. So there's no more need for contrast adjustment while operation anymore.
Furthermore these 3 displays are featured with a superfast STN/FSTN liquid that allows fast resonse even at
very low temperatures: typical response time at -20°C is 2 seconds only.
BACKLIGHT
Driving the backlight requires a current source or an external resistor for current limit. Please take care of
derating for t
a >+25°C. Uf for yellow/green backlight is 3.9~4.2V, 2.2~2.6V (amber) and 3.0~3.6V for white
LED backlight.
Note: Do never drive backlight direct to 5V; immediately damage my happen !
YELLOW/GREEN - BLUE - AMBER
The blue-white display EA DIP122B-5NLW is best for indoor use with and without ambient light. Reading
the display requires a minimum of backlight with about 15mA.
The yellow/green version EA DIP122-5NLED is especially designed for 24-hour or outdoor applications.
These displays do provide best contrast for all ambient illuminations, even with direct sunlight. No need to
say that these display can be read in darkness when LED backlight is switched on.
This is same for the amber backlighted version EA DIP122J-5NLA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com