Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP122-5HNLED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EADIP122-5HNLED
Description  LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP122-5HNLED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EADIP122-5HNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP122-5HNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LCD GRAPHIC 122x32
INCL. CONTROLLER FOR 8 BIT BUS
6.2007
Lochhamer Schlag 17 · D-82166 Graefelfing · Phone +49-(0)89-8541991 · Fax +49-(0)89-8541721 · www.lcd-module.de · info@lcd-module.de
ORDERING INFORMATION
LCD GRAPHIC MODULE 122x32, WITH BACKLIGHT Y/G
EA DIP122-5NLED
Y/G FOR -20~+70°C OPERATING TEMP. RANGE
EA DIP122-5HNLED
BLUE-WHITE FOR -20~+70°C, LOW POWER
EA DIP122B-5NLW
AMBER FOR -20~+70°C
EA DIP122J-5NLA
9-PIN SOCKET, HEIGHT 4.3mm (2 PCS. REQUIRED)
EA B200-9
HIGH-LEVEL-GRAPHICSCONTROLLER WITH RS-232C
EA IC1520-1PGH
FEATURES
* HIGH CONTRAST LCD DISPLAY AS STN AND FSTN
* CLASSIC LINE YELLOW/GREEN: EA DIP122-5HNLED
* OR BLUE-WHITE EA DIP122B-5NLW
* BUILT IN CONTROLLER PT6520 OR COMPATIBLE
* INTERFACE FOR 8 BIT DATA BUS
* POWER SUPPLY
+2.7~5V / -6.3~-4V 800µA max.
* LED BACKLIGHT Y/G max. 150mA@+25°C
* LED BACKLIGHT AMBER AND WHITE max. 45mA@+25°C
* SOME MORE MODULES WITH SAME MECHANIC AND SAME PINOUT:
DOTMATRIX 1x8, 2x16, 4x20 AND 128x64, 240x128 WITH LARGER OUTLINE
* NO SCREWS REQUIRED: SOLDER ON IN PCB ONLY
* DETACHABLE VIA 9-PIN SOCKET EA B200-9 (2 PCS. REQUIRED)
* OPERATING TEMPERATURE RANGE 0~+50°C OR
* -20~+70°C OPERATING TEMP. WITH BUILT-IN TEMP. COMP. CIRCUIT
yellow/green: EA DIP122-5HNLED
Dimension 68 x 27 mm
blue-white: EA DIP122B-5NLW
Dimension 75 x 27 mm
no more
mounting
required
amber: EA DIP122J-5NLA
Dimension 75 x 27 mm


Similar Part No. - EADIP122-5HNLED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADIP128-6 ETC2-EADIP128-6 Datasheet
635Kb / 5P
LCD-GRAFIC MODULE 128x64 DOTS
EADIP128-6N5LW ETC2-EADIP128-6N5LW Datasheet
635Kb / 5P
LCD-GRAFIC MODULE 128x64 DOTS
EADIP128J-6N5LA ETC2-EADIP128J-6N5LA Datasheet
635Kb / 5P
LCD-GRAFIC MODULE 128x64 DOTS
EADIP128J-6N5LE ETC2-EADIP128J-6N5LE Datasheet
635Kb / 5P
LCD-GRAFIC MODULE 128x64 DOTS
EADIP128J-6N5LW ETC2-EADIP128J-6N5LW Datasheet
635Kb / 5P
LCD-GRAFIC MODULE 128x64 DOTS
More results

Similar Description - EADIP122-5HNLED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1330 ETC-SED1330 Datasheet
97Kb / 14P
CMOS GRAPHIC LCD CONTROLLER
SED1335-1 ETC-SED1335-1 Datasheet
69Kb / 14P
CMOS GRAPHIC LCD CONTROLLER
SED1351F ETC-SED1351F Datasheet
195Kb / 4P
CMOS GRAPHIC LCD CONTROLLER
logo
LUMEX INC.
LCM-S12232GSF LUMEX-LCM-S12232GSF Datasheet
168Kb / 2P
122x32 DOT MATRIX GRAPHIC MODULE
LCM-S12232GSR LUMEX-LCM-S12232GSR Datasheet
168Kb / 2P
122x32 DOT MATRIX GRAPHIC MODULE
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
Character/Graphic TFT LCD Controller
logo
List of Unclassifed Man...
EADIP162-DNLED ETC2-EADIP162-DNLED Datasheet
276Kb / 5P
LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
EADIP203G-4NLED ETC2-EADIP203G-4NLED Datasheet
374Kb / 5P
LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
EADIPS082-HN ETC2-EADIPS082-HN Datasheet
491Kb / 5P
LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
EAW082-XLG ETC2-EAW082-XLG Datasheet
1Mb / 13P
OLED-DISPLAYS INCL. CONTROLLER 8-BIT AND 4-BIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com