Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALED55X31-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EALED55X31-R
Description  DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED55X31-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EALED55X31-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Issue 8.2012
DOG SERIES 3.3V
INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
TECHNICAL DATA
* HIGH-CONTRAST LCD SUPERTWIST DISPLAY
* OPTIONAL LED BACKLIGHT UNITS IN DIFFERENT COLORS
* 1x8, 2x16 AND 3x16 WITH 12.0 mm / 5.6 mm AND 3.6 mm CHARACTER HEIGHT
* ST 7036 CONTROLLER FOR 4-BIT, 8-BIT AND SPI (4-WIRE) INTERFACE
* POWER SUPPLY +3.3V OR +5V SINGLE SUPPLY (typically 250µA)
* NO ADDITIONAL VOLTAGES REQUIRED
* OPERATING TEMPERATURE RANGE -20 THROUGH +70°C
* LED BACKLIGHT 3 through 80mA@3.3V or 2 through 40mA@5V
* NO MOUNTING REQUIRED, SIMPLY SOLDER INTO PCB
ORDERING CODE
LCD MODULE 1x8 - 11.97mm
EA DOGM081x-A
LCD MODULE 2x16 - 5.57 mm
EA DOGM162x-A
LCD MODULE 3x16 - 3.65mm
EA DOGM163x-A
x: B = blue background
E = yellow/green background
L = yellow/green background (cannot be backlit)
S = black background
W = white background
LED BACKLIGHT, WHITE
EA LED55X31-W
LED BACKLIGHT, YELLOW/GREEN
EA LED55X31-G
LED BACKLIGHT, BLUE
EA LED55X31-B
LED BACKLIGHT, RED
EA LED55X31-R
LED BACKLIGHT, AMBER
EA LED55X31-A
LED BACKLIGHT, FULL COLOR RGB
EA LED55X31-RGB
USB TEST BOARD FOR PC (WINDOWS)
EA 9780-2USB
SOCKET CONNECTOR 4.8 mm HIGH (1x20-PIN, 2.54mm PITCH)
EA FL-20P
EA LED55x31-W
white
EA DOGM163B-A
blue
available
for
1 pc.
off
!
even
with
LED:
5.8mm
flat
EA DOGM081S-A
+ EA LED55x31-W
EA DOGM162E-A
+ EA LED55x31-G
EA DOGM163W-A
+ EA LED55x31-W
EA DOGM162W-A
+ EA LED55x31-A
EA DOGM081W-A
+ EA LED55x31-B


Similar Part No. - EALED55X31-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EALED55X31-R ETC2-EALED55X31-R Datasheet
642Kb / 8P
DOGM GRAPHIC SERIES 132x32 DOTS
EALED55X31-RGB ETC2-EALED55X31-RGB Datasheet
642Kb / 8P
DOGM GRAPHIC SERIES 132x32 DOTS
More results

Similar Description - EALED55X31-R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
logo
Texas Instruments
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
List of Unclassifed Man...
EADIP122-5NLED ETC2-EADIP122-5NLED Datasheet
284Kb / 5P
LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EAW082-XLG ETC2-EAW082-XLG Datasheet
1Mb / 13P
OLED-DISPLAYS INCL. CONTROLLER 8-BIT AND 4-BIT
logo
Microchip Technology
SST25PF040C MICROCHIP-SST25PF040C Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
logo
fujitsu semiconductor
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
4 M (512 K 횞 8) Bit Quad SPI
logo
Microchip Technology
SST25PF040C MICROCHIP-SST25PF040C_V01 Datasheet
585Kb / 47P
4-Mbit, 3.3V, SPI Serial Flash
Revision F (April 2022)
logo
List of Unclassifed Man...
EAOLEDL128-6 ETC-EAOLEDL128-6 Datasheet
1Mb / 10P
INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com