Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALED55X31-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EALED55X31-R
Description  DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED55X31-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EALED55X31-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED55X31-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
Printing and typographical errors reserved.
ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice.
EA DOG-M
5 DIFFERENT TECHNOLOGIES
As a standard we provide 5 different technologies as STN and FSTN:
3 DIFFERENT DISPLAYS
These displays are available for mentioned technologies:
6 DIFFERENT BACKLIGHTS
6 different backlight colors are available to match equipments design as much as possible. The most
effective and brightest one is the white one EA LED55x31-W.
display type
technology
optional
backlight
readability
display color
non
backlighted
display color
with
backlighted
recommended
backlight color
FSTN pos.
transflective
it's fine with and
without backlight
readable even
without
backlight
black on white
black on backlight
color
white, blue, RGB
STN pos.
yellow/green
transmissive
backlight unit
required
readable even
without
backlight
dark green on
yellow/green
black on
yellow/green or
amber
yellow/green,
amber
STN neg. blue
transmissive
usage only with
backlight
---
---
backlight color on
blue background
white, yellow/green
FSTN neg.
transmissive
usage only with
backlight
---
---
backlight color on
black background
white, RGB
STN pos.
yellow/green
reflective
no backlight
possible
finest readable
without
backlight
dark green on
yellow/green
---
---
When you can see black and white pictures only here on this page then you're able to download a
coloured version from our website http://www.lcd-module.de/eng/pdf/doma/dogme.pdf
EA LED55x31-W
White
EA LED55x31-G
Yellow/Green
EA LED55x31-B
Blue
EA LED55x31-A
Amber
EA LED55x31-R
Red
EA LED55x31-RGB
Full Color



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com