Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA0FP161-7SW Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EA0FP161-7SW
Description  OPERATING UNIT 160x104 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA0FP161-7SW Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EA0FP161-7SW Datasheet HTML 9Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 10Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 11Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 12Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 13Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 14Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 15Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 16Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
EAeDIP160-7
Page 13
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
ALL COMMANDS AT A GLANCE
The built-in intelligence allows an easy creation of your individual screen content. Below mentioned
commands can be used either directly via the serial interface (see page 12) or together with the
selfdefinable macro.
Terminal commands
After
reset
Command
Codes
Remarks
Form feed FF (dec:12)
^L
The contents of the screen are deleted and the cursor is placed at pos. (1,1)
Carriage return CR(13)
^M
Cursor to the beginning of the line on the extreme left
Line feed LF (dec:10)
^J
Cursor 1 line lower, if cursor in last line then scroll
Position cursor
ESC
T
P
C
L
C=column; L=line; origin upper-left corner (1,1)
1,1
Cursor on/off
C
n1
n1=0: Cursor is invisible; n1=1: Cursor flashes;
1
Save cursor position
S
The current cursor position is saved
Restore cursor position
R
The last saved cursor position is restored
Terminal off
A
Terminal display is switched off; outputs are rejected
Terminal on
E
Terminal display is switched on;
On
Output version
ESC
T
V
The version no. is output in the terminal (e.g. "EA eDIP160-7 V1.0 Rev.A")
Output project name
J
The macro project name is output to the terminal (e.g. "init / delivery state")
Output information
ESC
I
The terminal is initialized and deleted; software version, hardware revision, the macro
project name and the CRC-checksum is ouput to the terminal
Display commands (effect the entire display)
after
reset
Command
Codes
Remarks
Set display orientation
ESC
D
O
n1
n1=0: 0°; n1=1: 90°; n1=2: 180°; n1=3: 270°; (0°+180°=160x104; 90°+270°=104x160)
0°
Set display contrast
K
n1
n1=0..40: Set display contrast to n1 (default = 20)
n1='+': increase contrast; n1='-': decrease contrast
20
Set grayscale mode
G
n1
n1=0: grayscale mode ON; flashing is possible
n1=1: grayscale mode OFF; flahing not possible
0
Delete display
ESC
D
L
Delete display contents (all pixels off)
Invert display
I
Invert display contents (invert all pixels)
Fill display
S
Fill display contents (all pixels on)
Switch display off
A
Display contents become invisible but are retained, commands are still possible
Switch display on
E
Display contents become visible again
oN
Show clipboard
C
Show content of clipboard; Standard display outputs are no longer visible
Show normal display
content
N
Normal operation, standard display outputs are visible
Clipboard commands (Buffer for display area)
after
reset
Command
Codes
Remarks
Save display contents
ESC
C
B
The entire contents of the display are copied to the clipboard as an image area
Save area
S
x1
y1
x2
y2
The image area from x1,y1 to x2,y2 is copied to the clipboard
Restore area
R
The image area on the clipboard is copied back to the display
Copy area
K
x1
y1
The image area on the clipboard is copied to x1,y1 in the display
Change / draw rectangular areas
after
reset
Command
Codes
Remarks
Delete area
ESC
R
L
x1
y1
x2
y2
Delete an area from x1,y1 to x2,y2 (all pixels off)
Invert area
I
x1
y1
x2
y2
Invert an area from x1,y1 to x2,y2 (invert all pixels)
Fill area
S
x1
y1
x2
y2
Fill an area from x1,y1 to x2,y2 (all pixels on)
Area with fill pattern
M
x1
y1
x2
y2
n1 Fill an area from x1,y1 to x2,y2 with pattern n1 (always set)
Draw box
O
x1
y1
x2
y2
n1 Draw rectangle from x1,y1 to x2,y2 with pattern n1 (always replace)
Draw frame
R
x1
y1
x2
y2
n1 Draw frame of type n1 from x1,y1 to x2,y2 (always set)
Draw frame box
T
x1
y1
x2
y2
n1 Draw frame box of type n1 from x1,y1 to x2,y2 (always replace)
Straight lines and points
after
reset
Command
Codes
Remarks
Settings
Point size / line thickness
ESC
G
Z
n1
n2
n1 = x-point size (1..15); n2 = y-point size (1..15);
1,1
Link mode
V
n1
Set drawing mode n1: 1=set; 2=delete; 3=inverse
1
Blink attribute
ESC
G
B
n1
n1:0=no blink; 1=on/off; 2=blink inverted; 3=off/on (phase shifted)
0
Gray-scale
n1:0=black solid line; 1=dark gray; 3=light gray (refer to command ESC DG)
Draw lines and points
Draw point
ESC
G
P
x1
y1
Set a point at coordinates x1, y1
Draw straight line
D
x1
y1
x2
y2
Draw a straight line from x1,y1 to x2,y2
Continue straight line
W
x1
y1
Draw a straight line from the last end point to x1,y1
0, 0
Draw rectangle
R
x1
y1
x2
y2
Draw four straight lines as a rectange from x1,y1 to x2,y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com